Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB011D Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT45DB011D
Description  1-megabit 2.7-volt DataFlash
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB011D Datasheet(HTML) 2 Page - ATMEL Corporation

  AT45DB011D Datasheet HTML 1Page - ATMEL Corporation AT45DB011D Datasheet HTML 2Page - ATMEL Corporation AT45DB011D Datasheet HTML 3Page - ATMEL Corporation AT45DB011D Datasheet HTML 4Page - ATMEL Corporation AT45DB011D Datasheet HTML 5Page - ATMEL Corporation AT45DB011D Datasheet HTML 6Page - ATMEL Corporation AT45DB011D Datasheet HTML 7Page - ATMEL Corporation AT45DB011D Datasheet HTML 8Page - ATMEL Corporation AT45DB011D Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 52 page
background image
2
3639B–DFLASH–02/07
AT45DB011D [Preliminary]
The device is optimized for use in many commercial and industrial applications where high-den-
sity, low-pin count, low-voltage and low-power are essential.
To allow for simple in-system reprogrammability, the AT45DB011D does not require high input
voltages for programming. The device operates from a single power supply, 2.7V to 3.6V, for
both the program and read operations. The AT45DB011D is enabled through the chip select pin
(CS) and accessed via a three-wire interface consisting of the Serial Input (SI), Serial Output
(SO), and the Serial Clock (SCK).
All programming and erase cycles are self-timed.
2.
Pin Configurations and Pinouts
Table 2-1.
Pin Configurations
Symbol
Name and Function
Asserted
State
Type
CS
Chip Select: Asserting the CS pin selects the device. When the CS pin is deasserted, the device will be deselected
and normally be placed in the standby mode (not Deep Power-Down mode), and the output pin (SO) will be in a
high-impedance state. When the device is deselected, data will not be accepted on the input pin (SI).
A high-to-low transition on the CS pin is required to start an operation, and a low-to-high transition is required to
end an operation. When ending an internally self-timed operation such as a program or erase cycle, the device
will not enter the standby mode until the completion of the operation.
Low
Input
SCK
Serial Clock: This pin is used to provide a clock to the device and is used to control the flow of data to and from
the device. Command, address, and input data present on the SI pin is always latched on the rising edge of SCK,
while output data on the SO pin is always clocked out on the falling edge of SCK.
–
Input
SI
Serial Input: The SI pin is used to shift data into the device. The SI pin is used for all data input including
command and address sequences. Data on the SI pin is always latched on the rising edge of SCK.
–
Input
SO
Serial Output: The SO pin is used to shift data out from the device. Data on the SO pin is always clocked out on
the falling edge of SCK.
–
Output
WP
Write Protect: When the WP pin is asserted, all sectors specified for protection by the Sector Protection Register will
be protected against program and erase operations regardless of whether the Enable Sector Protection command
has been issued or not. The WP pin functions independently of the software controlled protection method. After the
WP pin goes low, the content of the Sector Protection Register cannot be modified.
If a program or erase command is issued to the device while the WP pin is asserted, the device will simply ignore
the command and perform no operation. The device will return to the idle state once the CS pin has been
deasserted. The Enable Sector Protection command and Sector Lockdown command, however, will be
recognized by the device when the WP pin is asserted.
The WP pin is internally pulled-high and may be left floating if hardware controlled protection will not be used.
However, it is recommended that the WP pin also be externally connected to V
CC whenever possible.
Low
Input
RESET
Reset: A low state on the reset pin (RESET) will terminate the operation in progress and reset the internal state
machine to an idle state. The device will remain in the reset condition as long as a low level is present on the RESET
pin. Normal operation can resume once the RESET pin is brought back to a high level.
The device incorporates an internal power-on reset circuit, so there are no restrictions on the RESET pin during
power-on sequences. If this pin and feature are not utilized it is recommended that the RESET pin be driven high
externally.
Low
Input
V
CC
Device Power Supply: The V
CC pin is used to supply the source voltage to the device.
Operations at invalid V
CC voltages may produce spurious results and should not be attempted.
–Power
GND
Ground: The ground reference for the power supply. GND should be connected to the system ground.
–
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com