Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB011D Datasheet(PDF) 48 Page - ATMEL Corporation

Part # AT45DB011D
Description  1-megabit 2.7-volt DataFlash
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB011D Datasheet(HTML) 48 Page - ATMEL Corporation

Back Button AT45DB011D Datasheet HTML 44Page - ATMEL Corporation AT45DB011D Datasheet HTML 45Page - ATMEL Corporation AT45DB011D Datasheet HTML 46Page - ATMEL Corporation AT45DB011D Datasheet HTML 47Page - ATMEL Corporation AT45DB011D Datasheet HTML 48Page - ATMEL Corporation AT45DB011D Datasheet HTML 49Page - ATMEL Corporation AT45DB011D Datasheet HTML 50Page - ATMEL Corporation AT45DB011D Datasheet HTML 51Page - ATMEL Corporation AT45DB011D Datasheet HTML 52Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 48 / 52 page
background image
48
3639B–DFLASH–02/07
AT45DB011D [Preliminary]
27. Packaging Information
27.1
8M1-A – MLF
2325 Orchard Parkway
San Jose, CA 95131
TITLE
DRAWING NO.
R
REV.
8M1-A, 8-pad, 6 x 5 x 1.00 mm Body, Very Thin Dual Flat Package
No Lead (MLF)
C
8M1-A
9/8/06
COMMON DIMENSIONS
(Unit of Measure = mm)
SYMBOL
MIN
NOM
MAX
NOTE
A
–
0.85
1.00
A1
–
–
0.05
A2
0.65 TYP
A3
0.20 TYP
b
0.35
0.40
0.48
D
5.90
6.00
6.10
D1
5.70
5.75
5.80
D2
3.20
3.40
3.60
E
4.90
5.00
5.10
E1
4.70
4.75
4.80
E2
3.80
4.00
4.20
e
1.27
L
0.50
0.60
0.75
–
–
12o
K
0.25
–
–
Pin 1 ID
TOP VIEW
Pin #1 Notch
(0.20 R)
BOTTOM VIEW
D2
E2
L
b
D1
D
E1
E
e
A3
A2
A1
A
0.08 C
0
SIDE VIEW
0
K
0.45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com