Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NIF9N05CLT3 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NIF9N05CLT3
Description  Protected Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NIF9N05CLT3 Datasheet(HTML) 1 Page - ON Semiconductor

  NIF9N05CLT3 Datasheet HTML 1Page - ON Semiconductor NIF9N05CLT3 Datasheet HTML 2Page - ON Semiconductor NIF9N05CLT3 Datasheet HTML 3Page - ON Semiconductor NIF9N05CLT3 Datasheet HTML 4Page - ON Semiconductor NIF9N05CLT3 Datasheet HTML 5Page - ON Semiconductor NIF9N05CLT3 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2006
May, 2006 − Rev. 5
1
Publication Order Number:
NIF9N05CL/D
NIF9N05CL
Protected Power MOSFET
2.6 A, 52 V, N−Channel, Logic Level,
Clamped MOSFET w/ ESD Protection
in a SOT−223 Package
Benefits
• High Energy Capability for Inductive Loads
• Low Switching Noise Generation
Features
• Diode Clamp Between Gate and Source
• ESD Protection − HBM 5000 V
• Active Over−Voltage Gate to Drain Clamp
• Scalable to Lower or Higher RDS(on)
• Internal Series Gate Resistance
• Pb−Free Packages are Available
Applications
• Automotive and Industrial Markets:
Solenoid Drivers, Lamp Drivers, Small Motor Drivers
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Drain−to−Source Voltage Internally Clamped
VDSS
52−59
V
Gate−to−Source Voltage − Continuous
VGS
±15
V
Drain Current
− Continuous @ TA = 25°C
− Single Pulse (tp = 10 ms) (Note 1)
ID
IDM
2.6
10
A
Total Power Dissipation @ TA = 25°C (Note 1)
PD
1.69
W
Operating and Storage Temperature Range
TJ, Tstg
−55 to 150
°C
Single Pulse Drain−to−Source
Avalanche Energy (VDD = 50 V, ID(pk) = 1.17
A, VGS = 10 V, L = 160 mH, RG = 25 W)
EAS
110
mJ
Thermal Resistance,
Junction−to−Ambient (Note 1)
Junction−to−Ambient (Note 2)
RqJA
RqJA
74
169
°C/W
Maximum Lead Temperature for Soldering
Purposes, 1/8
″ from Case for 10 Seconds
TL
260
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. When surface mounted to a FR4 board using 1
″ pad size, (Cu area 1.127 in2).
2. When surface mounted to a FR4 board using minimum recommended pad
size, (Cu area 0.412 in2).
MPWR
Gate
(Pin 1)
RG
Overvoltage
Protection
ESD Protection
http://onsemi.com
SOT−223
CASE 318E
STYLE 3
DRAIN
GATE
DRAIN
SOURCE
(Top View)
MARKING DIAGRAM
A
= Assembly Location
Y
= Year
W
= Work Week
F9N05 = Specific Device Code
G
= Pb−Free Package
1
2
3
4
VDSS
(Clamped)
RDS(ON) TYP
ID MAX
52 V
107 m
W
2.6 A
Source
(Pin 3)
Drain
(Pins 2, 4)
See detailed ordering and shipping information in the package
dimensions section on page 5 of this data sheet.
ORDERING INFORMATION
(Note: Microdot may be in either location)


Similar Part No. - NIF9N05CLT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NIF9N05CLT3 ONSEMI-NIF9N05CLT3 Datasheet
66Kb / 6P
PROTECTED POWER MOSFET
July, 2004 ??Rev. 3
NIF9N05CLT3 ONSEMI-NIF9N05CLT3 Datasheet
195Kb / 8P
Protected Power MOSFET 2.6 A, 52 V, N−Channel, Logic Level, Clamped MOSFET w/ ESD Protection in a SOT−223 Package
November, 2011 - Rev. 6
NIF9N05CLT3G ONSEMI-NIF9N05CLT3G Datasheet
195Kb / 8P
Protected Power MOSFET 2.6 A, 52 V, N−Channel, Logic Level, Clamped MOSFET w/ ESD Protection in a SOT−223 Package
November, 2011 - Rev. 6
More results

Similar Description - NIF9N05CLT3

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IPS021 IRF-IPS021 Datasheet
142Kb / 11P
FULLY PROTECTED POWER MOSFET SWITCH
IPS031 IRF-IPS031 Datasheet
135Kb / 11P
FULLY PROTECTED POWER MOSFET SWITCH
IPS0551T IRF-IPS0551T Datasheet
106Kb / 10P
FULLY PROTECTED POWER MOSFET SWITCH
logo
ON Semiconductor
NIF9N05CL ONSEMI-NIF9N05CL Datasheet
66Kb / 6P
PROTECTED POWER MOSFET
July, 2004 ??Rev. 3
logo
International Rectifier
IPS031R IRF-IPS031R Datasheet
157Kb / 11P
FULLY PROTECTED POWER MOSFET SWITCH
logo
ON Semiconductor
NIC9N05TS1 ONSEMI-NIC9N05TS1 Datasheet
121Kb / 4P
Protected Power MOSFET
September, 2008 ??Rev. 0
logo
International Rectifier
IRSF3011LTR IRF-IRSF3011LTR Datasheet
293Kb / 13P
FULLY PROTECTED POWER MOSFET SWITCH
logo
ON Semiconductor
NCV8440CWP ONSEMI-NCV8440CWP Datasheet
62Kb / 2P
Protected Power MOSFET
November, 2011 ??Rev. 2
NCV8440 ONSEMI-NCV8440_16 Datasheet
89Kb / 9P
Protected Power MOSFET
May, 2016 ??Rev. 7
NIC9N05TS1 ONSEMI-NIC9N05TS1_V01 Datasheet
88Kb / 3P
Protected Power MOSFET
November, 2011 - Rev. 1
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com