Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NIF9N05CLT3 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NIF9N05CLT3
Description  Protected Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NIF9N05CLT3 Datasheet(HTML) 3 Page - ON Semiconductor

  NIF9N05CLT3 Datasheet HTML 1Page - ON Semiconductor NIF9N05CLT3 Datasheet HTML 2Page - ON Semiconductor NIF9N05CLT3 Datasheet HTML 3Page - ON Semiconductor NIF9N05CLT3 Datasheet HTML 4Page - ON Semiconductor NIF9N05CLT3 Datasheet HTML 5Page - ON Semiconductor NIF9N05CLT3 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NIF9N05CL
http://onsemi.com
3
MOSFET ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Characteristic
Unit
Max
Typ
Min
Symbol
SWITCHING CHARACTERISTICS (Note 4)
Turn−On Delay Time
VGS = 4.5 V, VDD = 40 V,
ID = 2.6 A, RD = 15.4 W
td(on)
275
465
ns
Rise Time
tr
1418
2400
Turn−Off Delay Time
td(off)
780
1320
Fall Time
tf
1120
1900
Turn−On Delay Time
VGS = 4.5 V, VDD = 40 V,
ID = 1.0 A, RD = 40 W
td(on)
242
ns
Rise Time
tr
1165
Turn−Off Delay Time
td(off)
906
Fall Time
tf
1273
Turn−On Delay Time
VGS = 10 V, VDD = 15 V,
ID = 2.6 A, RD = 5.8 W
td(on)
107
ns
Rise Time
tr
290
Turn−Off Delay Time
td(off)
1540
Fall Time
tf
1000
Gate Charge
VGS = 4.5 V, VDS = 40 V,
ID = 2.6 A (Note 3)
QT
4.5
7.0
nC
Q1
0.9
Q2
2.6
Gate Charge
VGS = 4.5 V, VDS = 15 V,
ID = 1.5 A (Note 3)
QT
3.9
nC
Q1
1.0
Q2
1.7
SOURCE−DRAIN DIODE CHARACTERISTICS
Forward On−Voltage
IS = 2.6 A, VGS = 0 V (Note 3)
IS = 2.6 A, VGS = 0 V, TJ = 125°C
VSD
0.81
0.66
1.5
V
Reverse Recovery Time
IS = 1.5 A, VGS = 0 V,
dIs/dt = 100 A/ms (Note 3)
trr
730
ns
ta
200
tb
530
Reverse Recovery Stored Charge
QRR
6.3
mC
ESD CHARACTERISTICS
Electro−Static Discharge Capability
Human Body Model (HBM)
ESD
5000
V
Machine Model (MM)
500
3. Pulse Test: Pulse Width
≤ 300 ms, Duty Cycle ≤ 2%.
4. Switching characteristics are independent of operating junction temperatures.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com