Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT80C51SND1C-ROTUL Datasheet(PDF) 81 Page - ATMEL Corporation

Part # AT80C51SND1C-ROTUL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT80C51SND1C-ROTUL Datasheet(HTML) 81 Page - ATMEL Corporation

Back Button AT80C51SND1C-ROTUL Datasheet HTML 77Page - ATMEL Corporation AT80C51SND1C-ROTUL Datasheet HTML 78Page - ATMEL Corporation AT80C51SND1C-ROTUL Datasheet HTML 79Page - ATMEL Corporation AT80C51SND1C-ROTUL Datasheet HTML 80Page - ATMEL Corporation AT80C51SND1C-ROTUL Datasheet HTML 81Page - ATMEL Corporation AT80C51SND1C-ROTUL Datasheet HTML 82Page - ATMEL Corporation AT80C51SND1C-ROTUL Datasheet HTML 83Page - ATMEL Corporation AT80C51SND1C-ROTUL Datasheet HTML 84Page - ATMEL Corporation AT80C51SND1C-ROTUL Datasheet HTML 85Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 212 page
background image
81
4109J–8051–10/06
AT8xC51SND1C
Figure 14-3 shows how to connect the AT8xC51SND1C to the USB connector. D+ and D- pins
are connected through 2 termination resistors. A pull-up resistor is implemented on D+ to inform
the host of a full speed device connection. Value of these resistors is detailed in the section “DC
Characteristics”.
Figure 14-1. USB Device Controller Block Diagram
Figure 14-2. USB Connection
14.1.1
Clock Controller
The USB controller clock is generated by division of the PLL clock. The division factor is given by
USBCD1:0 bits in USBCLK register (see Table 94). Figure 14-3 shows the USB controller clock
generator and its calculation formula. The USB controller clock frequency must always be 48
MHz.
Figure 14-3. USB Clock Generator and Symbol
14.1.2
Serial Interface Engine (SIE)
The SIE performs the following functions:
•
NRZI data encoding and decoding.
USB
CLOCK
48 MHz
12 MHz
D+
D-
DPLL
SIE
UFI
USB
Buffer
To/From
C51 Core
D+
D-
VBUS
GND
D+
D-
VSS
To Power
R
USB
RUSB
VDD
Supply
R
FS
USBCD1:0
USBCLK
48 MHz USB Clock
USBclk
PLLclk
USBCD
1
+
--------------------------------
=
USB
CLOCK
USB Clock Symbol
PLL
CLOCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com