Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT80C51SND1C-ROTUL Datasheet(PDF) 39 Page - ATMEL Corporation

Part # AT80C51SND1C-ROTUL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT80C51SND1C-ROTUL Datasheet(HTML) 39 Page - ATMEL Corporation

Back Button AT80C51SND1C-ROTUL Datasheet HTML 35Page - ATMEL Corporation AT80C51SND1C-ROTUL Datasheet HTML 36Page - ATMEL Corporation AT80C51SND1C-ROTUL Datasheet HTML 37Page - ATMEL Corporation AT80C51SND1C-ROTUL Datasheet HTML 38Page - ATMEL Corporation AT80C51SND1C-ROTUL Datasheet HTML 39Page - ATMEL Corporation AT80C51SND1C-ROTUL Datasheet HTML 40Page - ATMEL Corporation AT80C51SND1C-ROTUL Datasheet HTML 41Page - ATMEL Corporation AT80C51SND1C-ROTUL Datasheet HTML 42Page - ATMEL Corporation AT80C51SND1C-ROTUL Datasheet HTML 43Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 212 page
background image
39
4109J–8051–10/06
AT8xC51SND1C
Table 39. Priority Levels
A low-priority interrupt is always interrupted by a higher priority interrupt but not by another inter-
rupt of lower or equal priority. Higher priority interrupts are serviced before lower priority
interrupts. The response to simultaneous occurrence of equal priority interrupts is determined by
an internal hardware polling sequence detailed in Table 40. Thus, within each priority level there
is a second priority structure determined by the polling sequence. The interrupt control system is
shown in Figure 8-1.
Table 40. Priority within Same Level
IPHxx
IPLxx
Priority Level
0
0
0 Lowest
01
1
10
2
1
1
3 Highest
Interrupt Name
Priority Number
Interrupt Address
Vectors
Interrupt Request Flag
Cleared by Hardware
(H) or by Software (S)
INT0
0 (Highest Priority)
C:0003h
H if edge, S if level
Timer 0
1
C:000Bh
H
INT1
2
C:0013h
H if edge, S if level
Timer 1
3
C:001Bh
H
Serial Port
4
C:0023h
S
MP3 Decoder
5
C:002Bh
S
Audio Interface
6
C:0033h
S
MMC Interface
7
C:003Bh
S
Two Wire Controller
8
C:0043h
S
SPI Controller
9
C:004Bh
S
A to D Converter
10
C:0053h
S
Keyboard
11
C:005Bh
S
Reserved
12
C:0063h
-
USB
13
C:006Bh
S
Reserved
14 (Lowest Priority)
C:0073h
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com