Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T89C5115-RATIM Datasheet(PDF) 1 Page - ATMEL Corporation

Part # T89C5115-RATIM
Description  Low Pin Countl 8-bit Microcontroller with A/D Converter and 16 KBytes Flash Memory
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C5115-RATIM Datasheet(HTML) 1 Page - ATMEL Corporation

  T89C5115-RATIM Datasheet HTML 1Page - ATMEL Corporation T89C5115-RATIM Datasheet HTML 2Page - ATMEL Corporation T89C5115-RATIM Datasheet HTML 3Page - ATMEL Corporation T89C5115-RATIM Datasheet HTML 4Page - ATMEL Corporation T89C5115-RATIM Datasheet HTML 5Page - ATMEL Corporation T89C5115-RATIM Datasheet HTML 6Page - ATMEL Corporation T89C5115-RATIM Datasheet HTML 7Page - ATMEL Corporation T89C5115-RATIM Datasheet HTML 8Page - ATMEL Corporation T89C5115-RATIM Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 113 page
background image
Rev. 4128F–8051–05/06
Features
80C51 Core Architecture
256 Bytes of On-chip RAM
256 Bytes of On-chip XRAM
16K Bytes of On-chip Flash Memory
– Data Retention: 10 Years at 85°C
– Erase/Write Cycle: 100K
2K Bytes of On-chip Flash for Bootloader
2K Bytes of On-chip EEPROM
– Erase/Write Cycle: 100K
14-sources 4-level Interrupts
Three 16-bit Timers/Counters
Full Duplex UART Compatible 80C51
Maximum Crystal Frequency 40 MHz. In X2 Mode, 20 MHz (CPU Core, 40 MHz)
Three or Four Ports: 16 or 20 Digital I/O Lines
Two-channel 16-bit PCA
– PWM (8-bit)
– High-speed Output
– Timer and Edge Capture
Double Data Pointer
21-bit Watchdog Timer (7 Programmable bits)
A 10-bit Resolution Analog-to-Digital Converter (ADC) with 8 Multiplexed Inputs
Power-saving Modes
– Idle Mode
– Power-down Mode
Power Supply: 3 Volts to 5.5 Volts
Temperature Range: Industrial (-40
° to +85°C)
Packages: SOIC28, SOIC24, PLCC28, VQFP32
Low Pin Count
8-bit
Microcontroller
with A/D
Converter and
16 KBytes Flash
Memory
T89C5115
AT89C5115


Similar Part No. - T89C5115-RATIM

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T89C5115-RATIM ATMEL-T89C5115-RATIM Datasheet
1Mb / 105P
Low Pin Count 8-bit MCU with A/D Converter and 16-Kbytes of Flash Memory
T89C5115-RATIM ATMEL-T89C5115-RATIM Datasheet
1Mb / 113P
Low Pin Count 8-bit Microcontroller with A/D Converter and 16 KBytes Flash Memory
More results

Similar Description - T89C5115-RATIM

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T89C51RC2 ATMEL-T89C51RC2 Datasheet
251Kb / 9P
8-bit Microcontroller with 16 Kbytes/ 32 Kbytes FLASH
T89C5115 ATMEL-T89C5115 Datasheet
1Mb / 105P
Low Pin Count 8-bit MCU with A/D Converter and 16-Kbytes of Flash Memory
logo
Microchip Technology
PIC12CE67X MICROCHIP-PIC12CE67X Datasheet
671Kb / 116P
8-Pin, 8-Bit CMOS Microcontroller with A/D Converter and EEPROM Data Memory
1998
logo
ATMEL Corporation
AT83C5111 ATMEL-AT83C5111 Datasheet
1Mb / 86P
Low Pin Count 8-bit Microcontroller with A/D Converter
AT83EB5114 ATMEL-AT83EB5114 Datasheet
1Mb / 95P
Low-pin-count 8-bit microcontroller with A/D converter
logo
Microchip Technology
PIC12C67X MICROCHIP-PIC12C67X Datasheet
1Mb / 129P
8-Pin, 8-Bit CMOS Microcontroller with A/D Converter and EEPROM Data Memory
1999 - 2002
logo
ATMEL Corporation
T89C5115 ATMEL-T89C5115_08 Datasheet
1Mb / 113P
Low Pin Count 8-bit Microcontroller with A/D Converter and 16 KBytes Flash Memory
AT83EB5114 ATMEL-AT83EB5114_08 Datasheet
949Kb / 95P
Low-pin-count 8-bit microcontroller with A/D converter
logo
Microchip Technology
PIC12C67X MICROCHIP-PIC12C67X_13 Datasheet
1Mb / 130P
8-Pin, 8-Bit CMOS Microcontroller with A/D Converter and EEPROM Data Memory
1997-2013 11/29/12
logo
Generalplus Technology ...
GPM8F3132A GENERALPLUS-GPM8F3132A Datasheet
2Mb / 114P
44-Pin 8-bit Microcontroller with 32/16/8KB Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com