Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T89C5115-RATIM Datasheet(PDF) 11 Page - ATMEL Corporation

Part # T89C5115-RATIM
Description  Low Pin Countl 8-bit Microcontroller with A/D Converter and 16 KBytes Flash Memory
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C5115-RATIM Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button T89C5115-RATIM Datasheet HTML 7Page - ATMEL Corporation T89C5115-RATIM Datasheet HTML 8Page - ATMEL Corporation T89C5115-RATIM Datasheet HTML 9Page - ATMEL Corporation T89C5115-RATIM Datasheet HTML 10Page - ATMEL Corporation T89C5115-RATIM Datasheet HTML 11Page - ATMEL Corporation T89C5115-RATIM Datasheet HTML 12Page - ATMEL Corporation T89C5115-RATIM Datasheet HTML 13Page - ATMEL Corporation T89C5115-RATIM Datasheet HTML 14Page - ATMEL Corporation T89C5115-RATIM Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 113 page
background image
11
AT89C5115
4128F–8051–05/06
T2CON
C8h
Timer/Counter 2
control
TF2
EXF2
RCLK
TCLK
EXEN2
TR2
C/T2#
CP/RL2#
T2MOD
C9h
Timer/Counter 2
Mode
T2OE
DCEN
RCAP2H
CBh
Timer/Counter 2
Reload/Capture High
byte
RCAP2L
CAh
Timer/Counter 2
Reload/Capture Low
byte
WDTRST
A6h
WatchDog Timer
Reset
WDTPRG
A7h
WatchDog Timer
Program
S2
S1
S0
Table 4. Timers SFRs (Continued)
Mnemonic
Add
Name
765432
10
Table 5. Serial I/O Port SFRs
Mnemonic
Add
Name
765432
10
SCON
98h
Serial Control
FE/SM0
SM1
SM2
REN
TB8
RB8
TI
RI
SBUF
99h
Serial Data Buffer
SADEN
B9h
Slave Address Mask
SADDR
A9h
Slave Address
Table 6. PCA SFRs
Mnemonic
Add
Name
765432
10
CCON
D8h
PCA Timer/Counter
Control
CF
CR
CCF4
CCF3
CCF2
CCF1
CCF0
CMOD
D9h
PCA Timer/Counter
Mode
CIDL
CPS1
CPS0
ECF
CL
E9h
PCA Timer/Counter
Low byte
CH
F9h
PCA Timer/Counter
High byte
CCAPM0
CCAPM1
DAh
DBh
PCA Timer/Counter
Mode 0
PCA Timer/Counter
Mode 1
ECOM0
ECOM1
CAPP0
CAPP1
CAPN0
CAPN1
MAT0
MAT1
TOG0
TOG1
PWM0
PWM1
ECCF0
ECCF1
CCAP0H
CCAP1H
FAh
FBh
PCA Compare
Capture Module 0 H
PCA Compare
Capture Module 1 H
CCAP0H7
CCAP1H7
CCAP0H6
CCAP1H6
CCAP0H5
CCAP1H5
CCAP0H4
CCAP1H4
CCAP0H3
CCAP1H3
CCAP0H2
CCAP1H2
CCAP0H1
CCAP1H1
CCAP0H0
CCAP1H0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com