Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T89C5115-RATIM Datasheet(PDF) 102 Page - ATMEL Corporation

Part # T89C5115-RATIM
Description  Low Pin Countl 8-bit Microcontroller with A/D Converter and 16 KBytes Flash Memory
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C5115-RATIM Datasheet(HTML) 102 Page - ATMEL Corporation

Back Button T89C5115-RATIM Datasheet HTML 98Page - ATMEL Corporation T89C5115-RATIM Datasheet HTML 99Page - ATMEL Corporation T89C5115-RATIM Datasheet HTML 100Page - ATMEL Corporation T89C5115-RATIM Datasheet HTML 101Page - ATMEL Corporation T89C5115-RATIM Datasheet HTML 102Page - ATMEL Corporation T89C5115-RATIM Datasheet HTML 103Page - ATMEL Corporation T89C5115-RATIM Datasheet HTML 104Page - ATMEL Corporation T89C5115-RATIM Datasheet HTML 105Page - ATMEL Corporation T89C5115-RATIM Datasheet HTML 106Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 113 page
background image
102
AT89C5115
4128F–8051–05/06
For timing purposes as port pin is no longer floating when a 100 mV change from load
voltage occurs and begins to float when a 100 mV change from the loaded VOH/VOL level
occurs. IOL/IOH ≥ ± 20mA.
Clock Waveforms
Valid in normal clock mode. In X2 Mode XTAL2 must be changed to XTAL2/2.
Flash/EEPROM Memory
Table 78. Memory AC Timing
Vcc = 3.0V to 5.5V, TA = -40°C to +85°C
Figure 49. Flash Memory - Internal Busy Waveforms
A/D Converter
Table 79. AC Parameters for A/D Conversion
Symbol
Parameter
Min
Typ
Max
Unit
TBHBL
Flash/EEPROM Internal Busy
(Programming) Time
13
17
ms
N
FCY
Number of Flash/EEPROM Erase/Write
Cycles
100 000
cycles
TFDR
Flash/EEPROM Data Retention Time
10
years
FBUSY bit
TBHBL
Symbol
Parameter
Min
Typ
Max
Unit
TSETUP
4µs
ADC Clock Frequency
700
KHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com