Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5132-ROTIL Datasheet(PDF) 12 Page - ATMEL Corporation

Part # AT89C5132-ROTIL
Description  USB USB Microcontroller with 64K Bytes Flash Memory
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5132-ROTIL Datasheet(HTML) 12 Page - ATMEL Corporation

Back Button AT89C5132-ROTIL Datasheet HTML 8Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 9Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 10Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 11Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 12Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 13Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 14Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 15Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 16Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
16
AT89C5132
4173CS–USB–07/04
Peripherals
The AT8xC5132 peripherals are briefly described in the following sections. For further
details on how to interface (hardware and software) to these peripherals, please refer to
the AT8xC5132 complete datasheet.
Clock Generator System
The AT8xC5132 internal clocks are extracted from an on-chip PLL fed by an on-chip
oscillator. Four clocks are generated respectively for the C51 core, the audio interface,
and the other peripherals. The C51 and peripheral clocks are derived from the oscillator
clock. The audio interface sample rates are also obtained by dividing the PLL output
clock.
Ports
The AT8xC5132 implement five 8-bit ports (P0 to P4) and one 4-bit port (P5). In addition
to performing general-purpose I/Os, some ports are capable of external data memory
operations; others allow for alternate functions. All I/O Ports are bidirectional. Each Port
contains a latch, an output driver and an input buffer. Port 0 and Port 2 output drivers
and input buffers facilitate external memory operations. Some Port 1, Port 3 and Port 4
pins serve for both general-purpose I/Os and alternate functions.
Timers/Counters
The AT8xC5132 implement the two general-purpose, 16-bit Timers/Counters of a stan-
dard C51. They are identified as Timer 0, Timer 1, and can independently be configured
each to operate in a variety of modes as a Timer or as an event Counter. When operat-
ing as a Timer, a Timer/Counter runs for a programmed length of time, then issues an
interrupt request. When operating as a Counter, a Timer/Counter counts negative transi-
tions on an external pin. After a preset number of counts, the Counter issues an interrupt
request.
Watchdog Timer
The AT8xC5132 implement a hardware Watchdog Timer that automatically resets the
chip if it is allowed to time out. The WDT provides a means of recovering from routines
that do not complete successfully due to software or hardware malfunctions.
Audio Output Interface
The AT8xC5132 implements an audio output interface allowing the decoded audio bit-
stream to be output in various formats. They are compatible with right and left
justification PCM and I2S formats and the on-chip PLL allows connection of almost all
commercial audio DAC families available on the market.
Universal Serial Bus
Interface
The AT8xC5132 implements a full-speed Universal Serial Bus Interface. The USB inter-
face can be used for the following purposes:
•
Download of files by supporting the USB mass storage class.
•
In-System Programming by supporting the USB firmware upgrade class.
MultiMedia Card
Interface
The AT8xC5132 implements a MultiMedia Card (MMC) interface compliant to the V2.2
specification in MultiMedia Card mode. The MMC allows storage of files in removable
Flash memory cards that can be easily plugged or removed from the application. It can
also be used for In-System Programming.
IDE/ATAPI Interface
The AT8xC5132 provide an IDE/ATAPI interface allowing connection of devices such as
CD-ROM reader, CompactFlash™ cards, Hard Disk Drive, etc. It consists of a 16-bit bidi-
rectional bus part of the low-level ANSI ATA/ATAPI specification. It is provided for mass
storage interface but could be used for In-System Programming using CD-ROM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com