Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5132-ROTIL Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT89C5132-ROTIL
Description  USB USB Microcontroller with 64K Bytes Flash Memory
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5132-ROTIL Datasheet(HTML) 1 Page - ATMEL Corporation

  AT89C5132-ROTIL Datasheet HTML 1Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 2Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 3Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 4Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 5Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 6Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 7Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 8Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
Rev. 4173CS–USB–07/04
Features
• Programmable Audio Output for Interfacing with Common Audio DAC
– PCM Format Compatible
–I
2S Format Compatible
• 8-bit MCU C51 Core-based (F
MAX = 20 MHz)
• 2304 Bytes of Internal RAM
• 64K Bytes of Code Memory
– AT89C5132: Flash (100K Write/Erase Cycles)
• 4K Bytes of Boot Flash Memory (AT89C5132)
– ISP: Download from USB or UART to any External Memory Cards
• USB Rev 1.1 Device Controller
– “Full Speed” Data Transmission
• Built-in PLL
• MultiMedia Card® Interface Compatibility
• Atmel DataFlash® SPI Interface Compatibility
• IDE/ATAPI Interface
• 2 Channels 10-bit ADC, 8 kHz (8 True Bits)
– Battery Voltage Monitoring
– Voice Recording Controlled by Software
• Up to 44 Bits of General-purpose I/Os
– 4-bit Interrupt Keyboard Port for a 4 x n Matrix
–SmartMedia
® Software Interface
• Two Standard 16-bit Timers/Counters
• Hardware Watchdog Timer
• Standard Full Duplex UART with Baud Rate Generator
• Two Wire Master and Slave Modes Controller
• SPI Master and Slave Modes Controller
• Power Management
– Power-on Reset
– Software Programmable MCU Clock
– Idle Mode, Power-down Mode
• Operating Conditions
–3V,
±10%, 25 mA Typical Operating at 25°C
– Temperature Range: -40
°C to +85°C
• Packages
– TQFP80, PLCC84 (Development Board Only)
–Dice
Description
The AT89C5132 is a mass storage device controlling data exchange between various
Flash modules, HDD and CD-ROM.
The AT89C5132 includes 64K Bytes of Flash memory and allows In-System Program-
ming through an embedded 4K Bytes of Boot Flash Memory.
The AT89C5132 include 2304 Bytes of RAM memory.
The AT89C5132 provides all the necessary features for man-machine interface
including, timers, keyboard port, serial or parallel interface (USB, SPI, IDE), ADC
input, I2S output, and all external memory interface (NAND or NOR Flash, SmartMe-
dia, MultiMedia, DataFlash cards).
Typical Applications
•
Flash Recorder/Writer
•
PDA, Camera, Mobile Phone
•
PC Add-on
USB
Microcontroller
with 64K Bytes
Flash Memory
AT89C5132
Preliminary
Summary


Similar Part No. - AT89C5132-ROTIL

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89C5132-ROTIL ATMEL-AT89C5132-ROTIL Datasheet
2Mb / 33P
USB Microcontroller with 64K Bytes Flash Memory
AT89C5132-ROTIL ATMEL-AT89C5132-ROTIL Datasheet
1Mb / 181P
USB Microcontroller with 64K Bytes Flash Memory
AT89C5132-ROTIL ATMEL-AT89C5132-ROTIL Datasheet
1Mb / 182P
USB Microcontroller with 64K Bytes Flash Memory
More results

Similar Description - AT89C5132-ROTIL

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89C5132 ATMEL-AT89C5132 Datasheet
2Mb / 33P
USB Microcontroller with 64K Bytes Flash Memory
AT83C5132 ATMEL-AT83C5132 Datasheet
1,009Kb / 10P
USB Microcontroller with 64K Bytes Flash Memory
logo
Freescale Semiconductor...
FTS64K FREESCALE-FTS64K Datasheet
549Kb / 44P
64k bytes of Flash memory
logo
ATMEL Corporation
AT90USB646 ATMEL-AT90USB646 Datasheet
3Mb / 434P
Microcontroller with 64/128K Bytes of ISP Flash and USB Controller
AT89C5132 ATMEL-AT89C5132_06 Datasheet
1Mb / 181P
USB Microcontroller with 64K Bytes Flash Memory
AT89C5132 ATMEL-AT89C5132_07 Datasheet
1Mb / 182P
USB Microcontroller with 64K Bytes Flash Memory
AT90USB646 ATMEL-AT90USB646_09 Datasheet
603Kb / 35P
Microcontroller with 64/128K Bytes of ISP Flash and USB Controller
ATMEGA8U2 ATMEL-ATMEGA8U2_12 Datasheet
325Kb / 22P
Microcontroller with 8/16/32K Bytes of ISP Flash and USB Controller
logo
List of Unclassifed Man...
DOC7707 ETC1-DOC7707 Datasheet
3Mb / 307P
Microcontroller with 8/16K Bytes of ISP Flash and USB Controller
logo
PHOENIX CONTACT
2402809 PHOENIX-2402809 Datasheet
49Kb / 1P
USB memory stick - USB FLASH DRIVE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com