Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S8008DRP Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # S8008DRP
Description  Thyristor Modules
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

S8008DRP Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  S8008DRP Datasheet HTML 1Page - Inchange Semiconductor Company Limited S8008DRP Datasheet HTML 2Page - Inchange Semiconductor Company Limited S8008DRP Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
2
S8008DRP
Thyristor Modules
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MAX
UNIT
VT
Forward Voltage Drop
ITM = 16A,TJ = 25 ℃
16
V
IDRM
IRRM
Peak Reverse and Off-state
Leakage Current
VR= VRRM,TJ = 25 ℃
10
uA
IGT
DC gate current required to trigger
VD = 12V RL = 60Ω
15
mA
VGT
DC gate voltage required to trigger
1.5
V
(di/dt)cr
Critical rate of rise of on-state current
Tvj = 125℃
200
A/us
tq
Circuit commutated turn-off time
Tvj = 125℃
35
us
IH
Holding current
Tvj = 25℃,ITM= 200mA
30
mA
PACKAGE OUTLINE
Dimensions in mm (1mm = 0.0394“)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com