Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S8008DRP Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # S8008DRP
Description  Thyristor Modules
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

S8008DRP Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  S8008DRP Datasheet HTML 1Page - Inchange Semiconductor Company Limited S8008DRP Datasheet HTML 2Page - Inchange Semiconductor Company Limited S8008DRP Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
1
S8008DRP
Thyristor Modules
FEATURES
·
Long-term stability
·
Low Leakage Current
·
Base plate: Copper
·
Minimum Lot-to-Lot variations for robust device
performance and reliable operation
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
VRRM
VDRM
Repetitive Peak Reverse Voltage
Repetitive Peak Forward Blocking Voltage
800
V
IT(AV)
Average on-state current
sin. 180; Tc = 85(100)℃
5.1
A
ITSM
Peak, One-cycle,
Non-repetitive Surge Current
Tvj = 25℃; 10ms
83
A
Tvj = 125℃; 10ms
100
I2t
For Fusing
Tvj = 25℃; 8,3 ...10ms
41
A2S
TJ
Junction Temperature
-40~110
℃
Tstg
Storage Temperature Range
-40~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MAX
UNIT
Rth j-c
Thermal Resistance, Junction to Case
0.5
K/W


Similar Part No. - S8008DRP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
S8008DRP LITTELFUSE-S8008DRP Datasheet
411Kb / 1P
8 Amp Sensitive Standard SCRs
S8008DRP LITTELFUSE-S8008DRP Datasheet
793Kb / 11P
Excellent unidirectional switches for phase control
More results

Similar Description - S8008DRP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PSKT96 ETC-PSKT96 Datasheet
99Kb / 2P
THYRISTOR MODULES THYRISTOR/THYRISTOR MODULES
logo
IXYS Corporation
MCC170 IXYS-MCC170 Datasheet
81Kb / 4P
Thyristor Modules Thyristor/Diode Modules
MCC95 IXYS-MCC95 Datasheet
185Kb / 4P
Thyristor Modules Thyristor/Diode Modules
MCC26 IXYS-MCC26 Datasheet
165Kb / 4P
Thyristor Modules Thyristor/Diode Modules
MCC44 IXYS-MCC44 Datasheet
160Kb / 4P
Thyristor Modules Thyristor/Diode Modules
MCC132 IXYS-MCC132 Datasheet
172Kb / 4P
Thyristor Modules Thyristor/Diode Modules
MCC224 IXYS-MCC224 Datasheet
99Kb / 4P
Thyristor Modules Thyristor/Diode Modules
MCC225 IXYS-MCC225 Datasheet
99Kb / 4P
Thyristor Modules Thyristor/Diode Modules
MCC250 IXYS-MCC250 Datasheet
142Kb / 4P
Thyristor Modules Thyristor/Diode Modules
MCC56 IXYS-MCC56 Datasheet
178Kb / 4P
Thyristor Modules Thyristor/Diode Modules
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com