Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB20H04-JD Datasheet(PDF) 13 Page - SMSC Corporation

Part # USB20H04-JD
Description  4-PORT USB 2.0 HUB CONTROLLER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB20H04-JD Datasheet(HTML) 13 Page - SMSC Corporation

Back Button USB20H04-JD Datasheet HTML 9Page - SMSC Corporation USB20H04-JD Datasheet HTML 10Page - SMSC Corporation USB20H04-JD Datasheet HTML 11Page - SMSC Corporation USB20H04-JD Datasheet HTML 12Page - SMSC Corporation USB20H04-JD Datasheet HTML 13Page - SMSC Corporation USB20H04-JD Datasheet HTML 14Page - SMSC Corporation USB20H04-JD Datasheet HTML 15Page - SMSC Corporation USB20H04-JD Datasheet HTML 16Page - SMSC Corporation USB20H04-JD Datasheet HTML 17Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
4-Port USB 2.0 Controller
Datasheet
SMSC USB20H04
Page 13
Revision 1.63 (03-30-07)
DATASHEET
Chapter 6
Electrical Characteristics
Table 6.1 - Electrical Characteristics: Supply Pins
(VDD1.8 =1.74 to 2.0V; VDD3.3 =3.0 to 3.6V; VSS = 0V; TA = 0
oC to +70oC; unless otherwise specified.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
ICC1.8SUS
Suspended
100
uA
Suspend State
ICC3.3SUS
Suspended
200
uA
ICC1.8FS1
100
mA
1 Port
Low-Speed/Full-Speed
ICC3.3FS1
1 downstream port active
55
mA
ICC1.8HS1
100
mA
1 Port
High-Speed
ICC3.3HS1
1 downstream port active
75
mA
ICC1.8FS2
100
mA
2 Ports
Low-Speed/Full-Speed
ICC3.3FS2
2 downstream ports active
55
mA
ICC1.8HS2
100
mA
2 Ports
High-Speed
ICC3.3HS2
2 downstream ports active
95
mA
ICC1.8FS3
100
mA
3 Ports
Low-Speed/Full-Speed
ICC3.3FS3
3 downstream ports active
55
mA
ICC1.8HS3
105
mA
3 Ports
High-Speed
ICC3.3HS3
3 downstream ports active
115
mA
ICC1.8FS4
100
mA
4 Ports
Low-Speed/Full-Speed
ICC3.3FS4
4 downstream ports active
55
mA
ICC1.8HS4
105
mA
4 Ports
High-Speed
ICC3.3HS4
4 downstream ports active
135
mA
ICC1.8UNC
70
mA
Unconfigured
ICC3.3UNC
Prior to enumeration
10
mA
ICC1.8CON
70
mA
Enumerated State
ICC3.3CON
Upstream port active
Full-Speed/Hi-Speed
10
mA
Table 6.2 - DC Electrical Characteristics: Digital Pins
(VDD1.8 =1.74 to 2.0V; VDD3.3 =3.0 to 3.6V; VSS = 0V; TA = 0
oC to +70oC; unless otherwise specified.)
PARAMETER
SYMBOL
COMMENTS
MIN
TYP
MAX
UNITS
Refer to Section 4.1 for relationship between buffers and pin names.
IS Input Buffer
Low Input Level
High Input Level
Hysteresis
Low Input Leakage
High Input Leakage
VILI
VIHI
VHYSI
IIL
IIH
TTL Levels
TTL Levels
VIN = 0
VIN = VDD3.3
2.0
250
-10
-10
300
0.8
350
+10
+10
V
V
mV
uA
uA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com