Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB20H04-JD Datasheet(PDF) 21 Page - SMSC Corporation

Part # USB20H04-JD
Description  4-PORT USB 2.0 HUB CONTROLLER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB20H04-JD Datasheet(HTML) 21 Page - SMSC Corporation

Back Button USB20H04-JD Datasheet HTML 17Page - SMSC Corporation USB20H04-JD Datasheet HTML 18Page - SMSC Corporation USB20H04-JD Datasheet HTML 19Page - SMSC Corporation USB20H04-JD Datasheet HTML 20Page - SMSC Corporation USB20H04-JD Datasheet HTML 21Page - SMSC Corporation USB20H04-JD Datasheet HTML 22Page - SMSC Corporation USB20H04-JD Datasheet HTML 23Page - SMSC Corporation USB20H04-JD Datasheet HTML 24Page - SMSC Corporation USB20H04-JD Datasheet HTML 25Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
4-Port USB 2.0 Controller
Datasheet
SMSC USB20H04
Page 21
Revision 1.63 (03-30-07)
DATASHEET
8.1.2
Internal Default Configuration
The internal default configuration is enabled when SMB_SEL_N is high and CS/EE_SEL is low on the
rising edge of RESET_N. If SELF_PWR is low, then the bus-powered default settings are loaded.
USB20H04
SCK/SCL
SD/SDA
VDD3.3
SMB_SEL_N
CS/EE_SEL
SELF_PWR
Bus/Self
Power Select
0=Bus-Power
1=Self-Power
1k
Figure 8.2 - Internal Default Mode
8.2
EEPROM Programming Values
Configuration data is loaded from an external EEPROM following reset. The values to be programmed into
the EEPROM are summarized in Table 8.1 - Summary of OEM Value Programming.
Table 8.1 - Summary of OEM Value Programming
ADDRESS
FIELD NAME
DESCRIPTION
0
VID (MSB)
Vendor ID (assigned by USB-IF).
1
VID (LSB)
2
PID (MSB)
Product ID (assigned by Manufacturer).
3
PID (LSB)
4
DID (MSB)
Device ID (assigned by Manufacturer).
5
DID (LSB)
6
Config_Byte_3
Configuration options defined in Table 8.2.
7
Config_Byte_2
Configuration options defined in Table 8.3.
8
Config_Byte_1
Configuration options defined in Table 8.4.
9
Max_Power
Maximum current for this configuration, see Table 8.5.
10
HubContrCurrent
Maximum current for the USB20H04, see Table 8.5.
11
PwrOn2PwrGood
Time until power is stable, see Table 8.5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com