Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51CC03U-RDTIM Datasheet(PDF) 97 Page - ATMEL Corporation

Part # AT89C51CC03U-RDTIM
Description  Enhanced 8-bit MCU with CAN Controller and Flash Memory
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51CC03U-RDTIM Datasheet(HTML) 97 Page - ATMEL Corporation

Back Button AT89C51CC03U-RDTIM Datasheet HTML 93Page - ATMEL Corporation AT89C51CC03U-RDTIM Datasheet HTML 94Page - ATMEL Corporation AT89C51CC03U-RDTIM Datasheet HTML 95Page - ATMEL Corporation AT89C51CC03U-RDTIM Datasheet HTML 96Page - ATMEL Corporation AT89C51CC03U-RDTIM Datasheet HTML 97Page - ATMEL Corporation AT89C51CC03U-RDTIM Datasheet HTML 98Page - ATMEL Corporation AT89C51CC03U-RDTIM Datasheet HTML 99Page - ATMEL Corporation AT89C51CC03U-RDTIM Datasheet HTML 100Page - ATMEL Corporation AT89C51CC03U-RDTIM Datasheet HTML 101Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 197 page
background image
97
AT89C51CC03
4182K–CAN–05/06
Bit Timing and Baud Rate
FSM’s (Finite State Machine) of the CAN channel need to be synchronous to the time
quantum. So, the input clock for bit timing is the clock used into CAN channel FSM’s.
Field and segment abbreviations:
BRP: Baud Rate Prescaler.
TQ: Time Quantum (output of Baud Rate Prescaler).
SYNS: SYNchronization Segment is 1 TQ long.
PRS: PRopagation time Segment is programmable to be 1, 2, ..., 8 TQ long.
PHS1: PHase Segment 1 is programmable to be 1, 2, ..., 8 TQ long.
PHS2: PHase Segment 2 is programmable to be superior or equal to the
INFORMATION PROCESSING TIME and inferior or equal to TPSH1.
INFORMATION PROCESSING TIME is 2 TQ.
SJW: (Re) Synchronization Jump Width is programmable to be minimum of PHS1
and 4.
The total number of TQ in a bit time has to be programmed at least from 8 to 25.
Figure 51. Sample And Transmission Point
The baud rate selection is made by Tbit calculation:
Tbit = Tsyns + Tprs + Tphs1 + Tphs2
1.
Tsyns = Tscl = (BRP[5..0]+ 1)/Fcan = 1TQ.
2.
Tprs = (1 to 8) * Tscl = (PRS[2..0]+ 1) * Tscl
3.
Tphs1 = (1 to 8) * Tscl = (PHS1[2..0]+ 1) * Tscl
4.
Tphs2 = (1 to 8) * Tscl = (PHS2[2..0]+ 1) * Tscl
Tphs2 = Max of (Tphs1 and 2TQ)
5.
Tsjw = (1 to 4) * Tscl = (SJW[1..0]+ 1) * Tscl
The total number of Tscl (Time Quanta) in a bit time must be comprised between 8 to
25.
FCAN
CLOCK
Prescaler BRP
PRS 3-bit length
PHS1 3-bit length
PHS2 3-bit length
SJW 2-bit length
Bit Timing
System clock Tscl
Time Quantum
Sample point
Transmission point



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com