Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51CC03U-RDTIM Datasheet(PDF) 30 Page - ATMEL Corporation

Part # AT89C51CC03U-RDTIM
Description  Enhanced 8-bit MCU with CAN Controller and Flash Memory
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51CC03U-RDTIM Datasheet(HTML) 30 Page - ATMEL Corporation

Back Button AT89C51CC03U-RDTIM Datasheet HTML 26Page - ATMEL Corporation AT89C51CC03U-RDTIM Datasheet HTML 27Page - ATMEL Corporation AT89C51CC03U-RDTIM Datasheet HTML 28Page - ATMEL Corporation AT89C51CC03U-RDTIM Datasheet HTML 29Page - ATMEL Corporation AT89C51CC03U-RDTIM Datasheet HTML 30Page - ATMEL Corporation AT89C51CC03U-RDTIM Datasheet HTML 31Page - ATMEL Corporation AT89C51CC03U-RDTIM Datasheet HTML 32Page - ATMEL Corporation AT89C51CC03U-RDTIM Datasheet HTML 33Page - ATMEL Corporation AT89C51CC03U-RDTIM Datasheet HTML 34Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 197 page
background image
30
AT89C51CC03
4182K–CAN–05/06
Power Monitor
The POR/PFD function monitors the internal power-supply of the CPU core memories
and the peripherals, and if needed, suspends their activity when the internal power sup-
ply falls below a safety threshold. This is achieved by applying an internal reset to them.
By gen erating the Re se t the Power M oni to r i nsures a correct start up whe n
AT89C51CC03 is powered up.
Description
In order to startup and maintain the microcontroller in correct operating mode, VCC has
to be stabilized in the VCC operating range and the oscillator has to be stabilized with a
nominal amplitude compatible with logic level VIH/VIL.
These parameters are controlled during the three phases: power-up, normal operation
and power going down. See Figure 14.
Figure 14. Power Monitor Block Diagram
Note:
1. Once XTAL1 high and low levels reach above and below VIH/VIL a 1024 clock period
delay will extend the reset coming from the Power Fail Detect. If the power falls below
the Power Fail Detect thresthold level, the reset will be applied immediately.
The Voltage regulator generates a regulated internal supply for the CPU core the mem-
ories and the peripherals. Spikes on the external Vcc are smoothed by the voltage
regulator.
The Power fail detect monitor the supply generated by the voltage regulator and gener-
ate a reset if this supply falls below a safety threshold as illustrated in the Figure 15.
VCC
Power On Reset
Power Fail Detect
Voltage Regulator
XTAL1
(1)
CPU core
Memories
Peripherals
Regulated
Supply
RST pin
Hardware
Watchdog
PCA
Watchdog
Internal Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com