Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51CC03U-RDTIM Datasheet(PDF) 107 Page - ATMEL Corporation

Part # AT89C51CC03U-RDTIM
Description  Enhanced 8-bit MCU with CAN Controller and Flash Memory
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51CC03U-RDTIM Datasheet(HTML) 107 Page - ATMEL Corporation

Back Button AT89C51CC03U-RDTIM Datasheet HTML 103Page - ATMEL Corporation AT89C51CC03U-RDTIM Datasheet HTML 104Page - ATMEL Corporation AT89C51CC03U-RDTIM Datasheet HTML 105Page - ATMEL Corporation AT89C51CC03U-RDTIM Datasheet HTML 106Page - ATMEL Corporation AT89C51CC03U-RDTIM Datasheet HTML 107Page - ATMEL Corporation AT89C51CC03U-RDTIM Datasheet HTML 108Page - ATMEL Corporation AT89C51CC03U-RDTIM Datasheet HTML 109Page - ATMEL Corporation AT89C51CC03U-RDTIM Datasheet HTML 110Page - ATMEL Corporation AT89C51CC03U-RDTIM Datasheet HTML 111Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 197 page
background image
107
AT89C51CC03
4182K–CAN–05/06
Registers
Table 48. CANGCON Register
CANGCON (S:ABh)
CAN General Control Register
Reset Value = 0000 0x00b
76
54
3
2
10
ABRQ
OVRQ
TTC
SYNCTTC
AUTOBAUD
TEST
ENA
GRES
Bit
Number
Bit Mnemonic Description
7ABRQ
Abort Request
Not an auto-resetable bit. A reset of the ENCH bit (message object control
and DLC register) is done for each message object. The pending transmission
communications are immediately aborted but the on-going communication will
be terminated normally, setting the appropriate status flags, TXOK or RXOK.
6OVRQ
Overload frame request (initiator)
Auto-resetable bit.
Set to send an overload frame after the next received message.
Cleared by the hardware at the beginning of transmission of the overload
frame.
5TTC
Network in Timer Trigger Communication
set to select node in TTC.
clear to disable TTC features.
4
SYNCTTC
Synchronization of TTC
When this bit is set the TTC timer is caught on the last bit of the End Of
Frame.
When this bit is clear the TTC timer is caught on the Start Of Frame.
This bit is only used in the TTC mode.
3AUTOBAUD
AUTOBAUD
Set to activate listening mode.
Clear to disable listening mode
2TEST
Test mode. The test mode is intended for factory testing and not for customer
use.
1ENA/STB
Enable/Standby CAN Controller
When this bit is set, it enables the CAN controller and its input clock.
When this bit is clear, the on-going communication is terminated normally and
the CAN controller state of the machine is frozen (the ENCH bit of each
message object does not change).
In the standby mode, the transmitter constantly provides a recessive level; the
receiver is not activated and the input clock is stopped in the CAN controller.
During the disable mode, the registers and the mailbox remain accessible.
Note that two clock periods are needed to start the CAN controller state of the
machine.
0GRES
General Reset (software reset)
Auto-resetable bit. This reset command is ‘ORed’ with the hardware reset in
order to reset the controller. After a reset, the controller is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com