Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51CC03U-RDTIM Datasheet(PDF) 172 Page - ATMEL Corporation

Part # AT89C51CC03U-RDTIM
Description  Enhanced 8-bit MCU with CAN Controller and Flash Memory
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51CC03U-RDTIM Datasheet(HTML) 172 Page - ATMEL Corporation

Back Button AT89C51CC03U-RDTIM Datasheet HTML 168Page - ATMEL Corporation AT89C51CC03U-RDTIM Datasheet HTML 169Page - ATMEL Corporation AT89C51CC03U-RDTIM Datasheet HTML 170Page - ATMEL Corporation AT89C51CC03U-RDTIM Datasheet HTML 171Page - ATMEL Corporation AT89C51CC03U-RDTIM Datasheet HTML 172Page - ATMEL Corporation AT89C51CC03U-RDTIM Datasheet HTML 173Page - ATMEL Corporation AT89C51CC03U-RDTIM Datasheet HTML 174Page - ATMEL Corporation AT89C51CC03U-RDTIM Datasheet HTML 175Page - ATMEL Corporation AT89C51CC03U-RDTIM Datasheet HTML 176Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 197 page
background image
172
AT89C51CC03
4182K–CAN–05/06
Figure 81. Clock Signal Waveform for ICC Tests in Active and Idle Modes
DC Parameters for A/D
Converter
Table 117. DC Parameters for AD Converter in Precision Conversion
Note:
1. Typicals are based on a limited number of samples and are not guaranteed.
2. For temperatures higher than 85°C, use standard conversion (8-bit only) and
PRS > 2.
3. VREF < VCC + 0.2V for temperatures higher than 85.
AC Parameters
Explanation of the AC
Symbols
Each timing symbol has 5 characters. The first character is always a “T” (stands for
time). The other characters, depending on their positions, stand for the name of a signal
or the logical status of that signal. The following is a list of all the characters and what
they stand for.
Example: T
AVLL = Time for Address Valid to ALE Low.
T
LLPL = Time for ALE Low to PSEN Low.
TA = -40
°C to +85°C; V
SS = 0V; VCC = 3V to 5.5V; F = 0 to 40 MHz.
(Load Capacitance for port 0, ALE and PSEN = 60 pF; Load Capacitance for all other
outputs = 60 pF.)
Table 118, Table 121 and Table 124 give the description of each AC symbols.
Table 119, Table 123 and Table 125 give for each range the AC parameter.
Table 120, Table 123 and Table 126 give the frequency derating formula of the AC
parameter for each speed range description. To calculate each AC symbols: Take the x
value and use this value in the formula.
Example: T
LLIV and 20 MHz, Standard clock.
x = 30 ns
T = 50 ns
T
CCIV = 4T - x = 170 ns
VCC-0.5V
0.45V
0.7V
CC
0.2VCC-0.1
TCLCH
TCHCL
T
CLCH = TCHCL = 5ns.
Symbol Parameter
Min
Typ(1),(2)
Max
Unit
Test Conditions
AVin
Analog input voltage
Vss- 0.2
Vref + 0.2
V
Rref
Resistance between Vref and Vss
12
16
24
k
Ω
Vref(3)
Reference voltage
2.40
3.00
V
Cai
Analog input Capacitance
60
pF
During sampling
Rai
Analog input Resistor
400
Ω During sampling
INL
Integral non linearity
1
2
lsb
3
Automotive
DNL
Differential non linearity
0.5
1
lsb
OE
Offset error
-2
2
lsb



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com