Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTP65N02RG Datasheet(PDF) 5 Page - ON Semiconductor

Part # NTP65N02RG
Description  Power MOSFET 65 A, 24 V N-Channel TO-220, D2PAK
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTP65N02RG Datasheet(HTML) 5 Page - ON Semiconductor

  NTP65N02RG Datasheet HTML 1Page - ON Semiconductor NTP65N02RG Datasheet HTML 2Page - ON Semiconductor NTP65N02RG Datasheet HTML 3Page - ON Semiconductor NTP65N02RG Datasheet HTML 4Page - ON Semiconductor NTP65N02RG Datasheet HTML 5Page - ON Semiconductor NTP65N02RG Datasheet HTML 6Page - ON Semiconductor NTP65N02RG Datasheet HTML 7Page - ON Semiconductor NTP65N02RG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
NTB65N02R, NTP65N02R
http://onsemi.com
5
Figure 12. Thermal Response
t, TIME (s)
1
0.1
110
0.1
0.01
0.0001
0.001
D = 0.5
0.2
0.1
0.05
0.01
SINGLE PULSE
ORDERING INFORMATION
Device
Package
Shipping†
NTB65N02R
D2PAK
50 Units / Rail
NTB65N02RG
D2PAK
(Pb−Free)
50 Units / Rail
NTB65N02RT4
D2PAK
800 / Tape & Reel
NTB65N02RT4G
D2PAK
(Pb−Free)
800 / Tape & Reel
NTP65N02R
TO−220AB
50 Units / Rail
NTP65N02RG
TO−220AB
(Pb−Free)
50 Units / Rail
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com