Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTP65N02RG Datasheet(PDF) 3 Page - ON Semiconductor

Part # NTP65N02RG
Description  Power MOSFET 65 A, 24 V N-Channel TO-220, D2PAK
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTP65N02RG Datasheet(HTML) 3 Page - ON Semiconductor

  NTP65N02RG Datasheet HTML 1Page - ON Semiconductor NTP65N02RG Datasheet HTML 2Page - ON Semiconductor NTP65N02RG Datasheet HTML 3Page - ON Semiconductor NTP65N02RG Datasheet HTML 4Page - ON Semiconductor NTP65N02RG Datasheet HTML 5Page - ON Semiconductor NTP65N02RG Datasheet HTML 6Page - ON Semiconductor NTP65N02RG Datasheet HTML 7Page - ON Semiconductor NTP65N02RG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
NTB65N02R, NTP65N02R
http://onsemi.com
3
0
20
40
60
80
100
120
0
246
8
10
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
Figure 1. On−Region Characteristics
0.004
0.008
0.012
0.016
0.02
0.024
0.028
10
20
30
40
50
60
70
80
90
100 110 120
Figure 2. Transfer Characteristics
Figure 3. On−Resistance versus Drain Current
and Temperature
ID, DRAIN CURRENT (A)
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
TJ = 150°C
TJ = 125°C
TJ = 25°C
TJ = −55°C
VGS = 10 V
0.004
0.008
0.012
0.016
0.02
0.024
0.028
10
20
30
40
50
60
70
80
90
100 110 120
TJ = 25°C
TJ = −55°C
TJ = 150°C
TJ = 125°C
VGS = 4.5 V
Figure 4. On−Resistance versus Drain Current
and Temperature
ID, DRAIN CURRENT (A)
0.6
0.8
1.0
1.2
1.4
1.6
1.8
−50
−25
0
25
50
75
100
125
150
Figure 5. On−Resistance Variation with
Temperature
TJ, JUNCTION TEMPERATURE (°C)
10
100
1000
10000
0
5
10
15
20
25
Figure 6. Drain−to−Source Leakage Current
versus Voltage
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
TJ = 100°C
TJ = 150°C
TJ = 125°C
0
20
40
60
80
100
120
0
123
5
6
TJ = −55°C
TJ = 25°C
TJ = 150°C
VGS = 4.5 V
VGS = 10 V
VGS = 4.0 V
VGS = 6.0 V
VGS = 5.5 V
VGS = 8.0 V
VGS = 5.0 V
VGS = 3.5 V
VGS = 3.0 V
VGS = 2.5 V
VDS w 10 V
ID = 30 A
VGS = 4.5 V and 10 V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com