Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NLAS1053 Datasheet(PDF) 5 Page - ON Semiconductor

Part # NLAS1053
Description  2:1 Mux/Demux Analog Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLAS1053 Datasheet(HTML) 5 Page - ON Semiconductor

  NLAS1053_06 Datasheet HTML 1Page - ON Semiconductor NLAS1053_06 Datasheet HTML 2Page - ON Semiconductor NLAS1053_06 Datasheet HTML 3Page - ON Semiconductor NLAS1053_06 Datasheet HTML 4Page - ON Semiconductor NLAS1053_06 Datasheet HTML 5Page - ON Semiconductor NLAS1053_06 Datasheet HTML 6Page - ON Semiconductor NLAS1053_06 Datasheet HTML 7Page - ON Semiconductor NLAS1053_06 Datasheet HTML 8Page - ON Semiconductor NLAS1053_06 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
NLAS1053
http://onsemi.com
5
50%
50%
10%
10%
0 V
Input
Output
35 pF
Input
Open
Output
DUT
50%
50%
0 V
Input
Output
90%
90%
Input
Open
35 pF
300
W
Output
DUT
90%
GND
Output
GND
Input
35 pF
Switch Select Pin
Output
DUT
Figure 3. tBBM (Time Break−Before−Make)
300
W
VCC
VCC
90% of VOH
Figure 4. tON/tOFF
tON
tOFF
VOH
VCC
Figure 5. tON/tOFF
VCC
tON
tOFF
VCC
300
W
0.1
mF
tBMM
VOUT
VOL
VOUT
VOH
VOL
VCC
VOUT
0.1
mF
INH
INH



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com