Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NLAS1053 Datasheet(PDF) 7 Page - ON Semiconductor

Part # NLAS1053
Description  2:1 Mux/Demux Analog Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLAS1053 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NLAS1053_06 Datasheet HTML 2Page - ON Semiconductor NLAS1053_06 Datasheet HTML 3Page - ON Semiconductor NLAS1053_06 Datasheet HTML 4Page - ON Semiconductor NLAS1053_06 Datasheet HTML 5Page - ON Semiconductor NLAS1053_06 Datasheet HTML 6Page - ON Semiconductor NLAS1053_06 Datasheet HTML 7Page - ON Semiconductor NLAS1053_06 Datasheet HTML 8Page - ON Semiconductor NLAS1053_06 Datasheet HTML 9Page - ON Semiconductor NLAS1053_06 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
NLAS1053
http://onsemi.com
7
−55
−20
Figure 9. Switch Leakage versus Temperature
1
ICH(OFF)
TEMPERATURE (
°C)
0.01
25
0.001
0.1
70
85
125
ICOM(ON)
ICOM(OFF)
VCC = 5.0 V
10
100
Figure 10. Bandwidth and Off−Channel
Isolation
0.01
10
1
0.1
−100
0
Off Isolation
FREQUENCY (MHz)
100 200
−80
−60
−40
−20
Bandwidth
(ON−RESPONSE)
VCC = 5.0 V
TA = 25_C
10
30
20
FREQUENCY (MHz)
Figure 11. Phase versus Frequency
0.01
0.1
100
1
10
200
0
VCC = 5.0 V
TA = 25_C
2.5
4.5
35
Figure 12. tON and tOFF versus VCC at 255C
VCC (VOLTS)
ttrans (ns)
tON/tOFF (ns)
3.5
4
30
20
15
25
0
10
5
30
Figure 13. tON and tOFF versus Temp
Temperature (
°C)
−55
25
125
−40
20
15
25
0
ttrans
10
5
tON/tOFF
VCC = 4.5 V
85
1
0.1
0.01
Figure 14. Total Harmonic Distortion
Plus Noise versus Frequency
FREQUENCY (kHz)
10
1
100
VINpp = 5.0 V
VCC = 5.5 V
VINpp = 3.0 V
VCC = 3.6 V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com