Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NLSF308 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NLSF308
Description  Quad 2?묲nput AND Gate
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLSF308 Datasheet(HTML) 2 Page - ON Semiconductor

  NLSF308 Datasheet HTML 1Page - ON Semiconductor NLSF308 Datasheet HTML 2Page - ON Semiconductor NLSF308 Datasheet HTML 3Page - ON Semiconductor NLSF308 Datasheet HTML 4Page - ON Semiconductor NLSF308 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
NLSF308
http://onsemi.com
2
1
Y1
15
A1
Figure 1. LOGIC DIAGRAM
16
B1
5
Y2
3
A2
4
B2
7
Y3
8
A3
9
B3
10
Y4
12
A4
13
B4
Y = AB
13
14
15
16
56
7
8
9
10
11
12
A4
NC
Y4
B3
Y1
NC
A2
B2
NLSF308
MN Package
(Top View)
1
2
3
4
Figure 2. PIN ASSIGNMENT (QFN−16)
MAXIMUM RATINGS
Parameter
Symbol
Value
Unit
DC Supply Voltage
VCC
–0.5 to + 7.0
V
DC Input Voltage
Vin
–0.5 to + 7.0
V
DC Output Voltage
Vout
–0.5 to VCC + 0.5
V
Input Diode Current
IIK
−20
mA
Output Diode Current
IOK
±20
mA
DC Output Current, per Pin
Iout
±25
mA
DC Supply Current, VCC and GND Pins
ICC
±50
mA
Power Dissipation in Still Air
PD
450
mW
Storage Temperature
Tstg
–65 to + 150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Min
Max
Unit
DC Supply Voltage
VCC
2.0
5.5
V
DC Input Voltage
Vin
0
5.5
V
DC Output Voltage
Vout
0
VCC
V
Operating Temperature
TA
−40
+ 85
°C
Input Rise and Fall Time
VCC = 3.3 V ±0.3 V
VCC = 5.0 V ±0.5 V
tr, tf
0
0
100
20
ns/V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com