Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NLSF308 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NLSF308
Description  Quad 2?묲nput AND Gate
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLSF308 Datasheet(HTML) 3 Page - ON Semiconductor

  NLSF308 Datasheet HTML 1Page - ON Semiconductor NLSF308 Datasheet HTML 2Page - ON Semiconductor NLSF308 Datasheet HTML 3Page - ON Semiconductor NLSF308 Datasheet HTML 4Page - ON Semiconductor NLSF308 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
NLSF308
http://onsemi.com
3
DC ELECTRICAL CHARACTERISTICS
Parameter
Test Conditions
VCC
V
TA = 25°C
TA = − 40 to 85°C
Unit
Symbol
Min
Typ
Max
Min
Max
Minimum High−Level Input
Voltage
VIH
2.0
3.0 to 5.5
1.50
VCC x 0.7
1.50
VCC x 0.7
V
Maximum Low−Level Input
Voltage
VIL
2.0
3.0 to 5.5
0.50
VCC x 0.3
0.50
VCC x 0.3
V
Minimum High−Level Output
Voltage
Vin = VIH or VIL
IOH = −50 mA
VOH
2.0
3.0
4.5
1.9
2.9
4.4
2.0
3.0
4.5
1.9
2.9
4.4
V
Vin = VIH or VIL
IOH = −4 mA,
IOH = −8 mA
3.0
4.5
2.58
3.94
2.48
3.80
Maximum Low−Level Output
Voltage
Vin = VIH or VIL
IOL = 50 mA
VOL
2.0
3.0
4.5
0.0
0.0
0.0
0.1
0.1
0.1
0.1
0.1
0.1
V
Vin = VIH or VIL
IOL = 4 mA
IOL = 8 mA
3.0
4.5
0.36
0.36
0.44
0.44
Maximum Input Leakage Current
Vin = 5.5 V or GND
0 to 5.5
± 0.1
± 1.0
mA
Maximum Quiescent Supply
Current
Vin = VCC or GND
5.5
2.0
20.0
mA
AC ELECTRICAL CHARACTERISTICS (Input tr = tf = 3.0 ns)
Parameter
Test Conditions
Symbol
TA = 25°C
TA = − 40 to 85°C
Unit
Min
Typ
Max
Min
Max
Maximum Propagation Delay, A or B to Y
VCC = 3.3 ± 0.3 V, CL = 15 pF,
CL = 50 pF
tPLH,
tPHL
6.2
8.7
8.8
12.3
1.0
1.0
10.5
14.0
ns
VCC = 5.0 ± 0.5 V, CL = 15 pF,
CL = 50 pF
4.3
5.8
5.9
7.9
1.0
1.0
7.0
9.0
Maximum Input Capacitance
Cin
4
10
10
pF
Power Dissipation Capacitance (Note 1)
CPD
Typical @ 25
°C, VCC = 5.0 V
pF
18
1. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load.
Average operating current can be obtained by the equation: ICC(OPR) = CPD  VCC  fin + ICC / 4 (per gate). CPD is used to determine the
no−load dynamic power consumption; PD = CPD  VCC2  fin + ICC  VCC.
NOISE CHARACTERISTICS (Input tr = tf = 3.0 ns, CL = 50 pF, VCC = 5.0 V)
Characteristic
Symbol
TA = 25°C
Unit
Typ
Max
Quiet Output Maximum Dynamic VOL
VOLP
0.3
0.8
V
Quiet Output Minimum Dynamic VOL
VOLV
−0.3
−0.8
V
Minimum High Level Dynamic Input Voltage
VIHD
3.5
V
Maximum Low Level Dynamic Input Voltage
VILD
1.5
V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com