Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYW97 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BYW97
Description  Fast soft-recovery controlled avalanche rectifiers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYW97 Datasheet(HTML) 5 Page - NXP Semiconductors

  BYW97 Datasheet HTML 1Page - NXP Semiconductors BYW97 Datasheet HTML 2Page - NXP Semiconductors BYW97 Datasheet HTML 3Page - NXP Semiconductors BYW97 Datasheet HTML 4Page - NXP Semiconductors BYW97 Datasheet HTML 5Page - NXP Semiconductors BYW97 Datasheet HTML 6Page - NXP Semiconductors BYW97 Datasheet HTML 7Page - NXP Semiconductors BYW97 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
1996 Sep 18
5
Philips Semiconductors
Product specification
Fast soft-recovery
controlled avalanche rectifiers
BYW97 series
Tamb =55 °C; Rth j-a = 75 K/W.
VRRMmax during 1 −δ; curves include derating for Tj max at VRRM = 1400 V.
Fig.5 Maximum repetitive peak forward current as a function of pulse time (square pulse) and duty factor.
0
8
10 2
110
10 2
10 3
10 4
MLB528
16
t
(ms)
p
10 1
I FRM
(A)
4
12
= 0.05
δ
0.1
0.2
0.5
1
a=IF(RMS)/IF(AV); VR =VRRMmax; δ = 0.5.
Fig.6
Maximum steady state power dissipation
(forward plus leakage current losses,
excluding switching losses) as a function
of average forward current.
04
6
0
2
4
MBD431
2
I
(A)
F(AV)
P
(W)
a = 3
2.5
2
1.57
1.42
Solid line = VR.
Dotted line = VRRM; δ = 0.5.
Fig.7
Maximum permissib‘le junction
temperature as a function of reverse
voltage.
handbook, halfpage
200
0
2000
0
MBD432
1000
100
V
(V)
R
T j
( C)
o
BYW97F
BYW97G



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com