Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYW97 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BYW97
Description  Fast soft-recovery controlled avalanche rectifiers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYW97 Datasheet(HTML) 6 Page - NXP Semiconductors

  BYW97 Datasheet HTML 1Page - NXP Semiconductors BYW97 Datasheet HTML 2Page - NXP Semiconductors BYW97 Datasheet HTML 3Page - NXP Semiconductors BYW97 Datasheet HTML 4Page - NXP Semiconductors BYW97 Datasheet HTML 5Page - NXP Semiconductors BYW97 Datasheet HTML 6Page - NXP Semiconductors BYW97 Datasheet HTML 7Page - NXP Semiconductors BYW97 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
1996 Sep 18
6
Philips Semiconductors
Product specification
Fast soft-recovery
controlled avalanche rectifiers
BYW97 series
Dotted line: Tj = 175 °C.
Solid line: Tj =25 °C.
Fig.8
Forward current as a function of forward
voltage; maximum values.
handbook, halfpage
01
2
VF (V)
3
16
IF
12
(A)
4
0
8
MBD422
VR =VRRMmax.
Fig.9
Reverse current as a function of junction
temperature; maximum values.
handbook, halfpage
10 3
10
2
10
1
10 1
200
0
MGC574
100
Tj ( C)
o
IR
(
µA)
f = 1 MHz; Tj =25 °C.
Fig.10 Diode capacitance as a function of reverse
voltage; typical values.
handbook, halfpage
1
MGC595
10
VR (V)
102
10
3
1
10 2
10
(pF)
Cd
Fig.11 Device mounted on a printed-circuit board.
Dimensions in mm.
handbook, halfpage
MGA200
3
2
7
50
25
50



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com