Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UJA1069TW Datasheet(PDF) 13 Page - NXP Semiconductors

Part # UJA1069TW
Description  LIN fail-safe system basis chip
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UJA1069TW Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button UJA1069TW Datasheet HTML 9Page - NXP Semiconductors UJA1069TW Datasheet HTML 10Page - NXP Semiconductors UJA1069TW Datasheet HTML 11Page - NXP Semiconductors UJA1069TW Datasheet HTML 12Page - NXP Semiconductors UJA1069TW Datasheet HTML 13Page - NXP Semiconductors UJA1069TW Datasheet HTML 14Page - NXP Semiconductors UJA1069TW Datasheet HTML 15Page - NXP Semiconductors UJA1069TW Datasheet HTML 16Page - NXP Semiconductors UJA1069TW Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 64 page
background image
UJA1069_2
© NXP B.V. 2007. All rights reserved.
Preliminary data sheet
Rev. 02 — 5 March 2007
13 of 64
NXP Semiconductors
UJA1069
LIN fail-safe system basis chip
Any microcontroller driven mode change is synchronized with a watchdog access by
reading the mode information and the watchdog period information from the same
register. This enables an easy software flow control with defined watchdog behavior when
switching between different software modules.
6.4.1 Watchdog start-up behavior
Following any reset event the watchdog is used to monitor the ECU start-up procedure. It
observes the behavior of the RSTN pin for any clamping condition or interrupted reset
wire. In case the watchdog is not properly served within tWD(init), another reset is forced
and the monitoring procedure is restarted. In case the watchdog is again not properly
served, the system enters Fail-safe mode (see also Figure 4, Start-up mode and Restart
mode).
6.4.2 Watchdog window behavior
Whenever the SBC enters Normal mode, the Window mode of the watchdog is activated.
This ensures that the microcontroller operates within the required speed; a too fast as well
as a too slow operation will be detected. Watchdog triggering using the Window mode is
illustrated in Figure 5.
The SBC provides 10 different period timings, scalable with a 4-factor watchdog prescaler.
The period can be changed within any valid trigger window. Whenever the watchdog is
triggered within the window time, the timer will be reset to start a new period.
The watchdog window is defined to be between 50 % and 100 % of the nominal
programmed watchdog period. Any too early or too late watchdog access or wrong Mode
register code access will result in an immediate system reset, entering Start-up mode.
Fig 5.
Watchdog triggering using Window mode
mce626
trigger window
trigger
window
too early
trigger
restarts
period
50 %
trigger
via SPI
trigger
via SPI
last
trigger point
earliest possible
trigger point
latest possible
trigger point
earliest
possible
trigger
point
latest
possible
trigger
point
too early
trigger restarts period
(with different duration if
desired)
period
100 %
50 %
100 %
new period



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com