Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UJA1069TW Datasheet(PDF) 28 Page - NXP Semiconductors

Part # UJA1069TW
Description  LIN fail-safe system basis chip
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UJA1069TW Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button UJA1069TW Datasheet HTML 24Page - NXP Semiconductors UJA1069TW Datasheet HTML 25Page - NXP Semiconductors UJA1069TW Datasheet HTML 26Page - NXP Semiconductors UJA1069TW Datasheet HTML 27Page - NXP Semiconductors UJA1069TW Datasheet HTML 28Page - NXP Semiconductors UJA1069TW Datasheet HTML 29Page - NXP Semiconductors UJA1069TW Datasheet HTML 30Page - NXP Semiconductors UJA1069TW Datasheet HTML 31Page - NXP Semiconductors UJA1069TW Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 64 page
background image
UJA1069_2
© NXP B.V. 2007. All rights reserved.
Preliminary data sheet
Rev. 02 — 5 March 2007
28 of 64
NXP Semiconductors
UJA1069
LIN fail-safe system basis chip
[1]
The nominal watchdog periods are directly related to the SBC internal oscillator. The given values are valid for fosc = 512 kHz.
[2]
See Section 6.4.4.
[3]
The watchdog is immediately disabled on entering Sleep mode, with watchdog OFF behavior selected, because pin RSTN is
immediately pulled LOW by the mode change. V1 is switched off after pulling pin RSTN LOW to guarantee a safe Sleep mode entry
without dips on V1. See Section 6.4.4.
6.12.4 System Status register
This register allows status information to be read back from the SBC. This register can be
read in all modes.
11 to 6
NWP[5:0]
Nominal
Watchdog Period
WDPRE = 11 (as
set in the Special
Mode register)
00 1001
14
70
70
560
00 1100
28
140
140
1120
01 0010
56
280
280
2240
01 0100
112
560
560
3584
01 1011
140
1120
1120
7168
10 0100
168
2240
2240
10752
10 1101
196
3584
3584
14336
11 0011
244
7168
7168
21504
11 0101
252
14336
14336
28672
11 0110
280
OFF[2]
28672
OFF[3]
Table 5.
Mode register bit description (bits 11 to 6)[1] …continued
Bit
Symbol
Description
Value
Time
Normal
mode (ms)
Standby
mode (ms)
Flash mode
(ms)
Sleep mode
(ms)
Table 6.
System Status register bit description
Bit
Symbol
Description
Value
Function
15 and 14
A1, A0
register address
00
read System Status register
13
RRS
Read Register Select
0
12
RO
Read Only
1
read System Status register without writing to Mode
register
0
read System Status register and write to Mode register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com