Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY10E212JC Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY10E212JC
Description  3-BIT SCANNABLE REGISTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10E212JC Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY10E212JC Datasheet HTML 1Page - Micrel Semiconductor SY10E212JC Datasheet HTML 2Page - Micrel Semiconductor SY10E212JC Datasheet HTML 3Page - Micrel Semiconductor SY10E212JC Datasheet HTML 4Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
SY10E212
SY100E212
Micrel, Inc.
M9999-032206
hbwhelp@micrel.com or (408) 955-1690
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
Condition
IIH
Input HIGH Current
——
150
——
150
——
150
µA
—
IEE
Power Supply Current
mA
—
10E
—
80
96
—
80
96
—
80
96
100E
—
80
96
—
80
96
—
92
110
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
Condition
tPD
Propagation Delay to Output
ps
—
CLK
575
800
1025
575
800
1025
575
800
1025
MR
575
800
1025
575
800
1025
575
800
1025
CLK to S-OUT
575
800
1025
575
800
1025
575
800
1025
tS
Set-up Time
ps
—
D
175
25
—
175
25
—
175
25
—
SHIFT
150
–50
—
150
–50
—
150
–50
—
LOAD
225
50
—
225
50
—
225
50
—
S-IN
150
–50
—
150
–50
—
150
–50
—
tH
Hold Time
ps
—
D
250
25
—
250
25
—
250
25
—
SHIFT
300
100
—
300
100
—
300
100
—
LOAD
225
0
—
225
0
—
225
0
—
S-IN
300
100
—
300
100
—
300
100
—
tRR
Reset Recovery
600
350
—
600
350
—
600
350
—
ps
—
tskew
Within-Device Skew
—
100
——
100
——
100
—
ps
1
tskew
Within-Gate Skew
—
50
——
50
——
50
—
ps
2
tr
Rise/Fall Times
275
425
650
275
425
650
275
425
650
ps
—
tf
20% to 80%
DC ELECTRICAL CHARACTERISTICS
VEE = VEE (Min.) to VEE (Max.); VCC = VCCO = GND
TRUTH TABLE
LOAD
SHIFT
MR
Mode
L
L
L
Load
H
L
L
Hold
X
H
L
Shift
X
X
H
Reset
AC ELECTRICAL CHARACTERISTICS
VEE = VEE (Min.) to VEE (Max.); VCC = VCCO = GND
Notes:
1. Within-device skew is defined as identical transitions on similar paths through a device.
2. Within-gate skew is defined as the difference in delays between various outputs of a gate when driven from the same input.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com