Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY10E212JC Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY10E212JC
Description  3-BIT SCANNABLE REGISTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10E212JC Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY10E212JC Datasheet HTML 1Page - Micrel Semiconductor SY10E212JC Datasheet HTML 2Page - Micrel Semiconductor SY10E212JC Datasheet HTML 3Page - Micrel Semiconductor SY10E212JC Datasheet HTML 4Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
SY10E212
SY100E212
Micrel, Inc.
M9999-032206
hbwhelp@micrel.com or (408) 955-1690
DESCRIPTION
FEATURES
s Scannable version E112 driver
s Extended 100E VEE range of –4.2V to –5.5V
s 1025ps max. CLK to Output
s Dual differential outputs
s Master Reset
s Internal 75K
Ω input pull-down resistors
s Fully compatible with industry standard 10KH,
100K ECL levels
s Fully compatible with Motorola MC10E/100E212
s Available in 28-pin PLCC package
The SY10/100E212 are scannable registered ECL
drivers typically used as fan-out memory address drivers
for ECL cache driving. In a VLSI array-based CPU design,
use of the E212 allows the user to conserve array output
cell functionality and also output pins.
The input shift register is designed with control logic
which greatly facilitates its use in boundary scan
applications.
3-BIT SCANNABLE
REGISTER
SY10E212
SY100E212
BLOCK DIAGRAM
Q2b
Q2a
Q2a
Q2b
D
Q
D2
Q1b
Q1a
Q1a
Q1b
D
Q
D1
Q0b
Q0a
Q0a
Q0b
D
Q
D0
S-OUT
S-IN
LOAD
SHIFT
CLK
MR
Pin
Function
D0 – D2
Data Inputs
S-IN
Scan Input
LOAD
LOAD/HOLD Control
SHIFT
Scan Control
CLK
Clock
MR
Master Reset
S-OUT
Scan Output
Q[0:2]a, Q[0:2]b
True Outputs
Q[0:2]a, Q[0:2]b
Inverting Outputs
VCCO
VCC to Output
PIN NAMES
Rev.: F
Amendment: /0
Issue Date:
March 2006


Similar Part No. - SY10E212JC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10E212JC MICREL-SY10E212JC Datasheet
61Kb / 4P
3-BIT SCANNABLE REGISTER
SY10E212JCTR MICREL-SY10E212JCTR Datasheet
61Kb / 4P
3-BIT SCANNABLE REGISTER
More results

Similar Description - SY10E212JC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E212 ONSEMI-MC10E212 Datasheet
111Kb / 4P
3-BIT SCANNABLE REGISTERED ADDRESS DRIVER
1996 REV 2
MC10E337 ONSEMI-MC10E337 Datasheet
116Kb / 5P
3-BIT SCANNABLE REGISTERED BUS TRANSCEIVER
1996 REV 2
logo
Micrel Semiconductor
SY10E212 MICREL-SY10E212 Datasheet
61Kb / 4P
3-BIT SCANNABLE REGISTER
SY10E241 MICREL-SY10E241 Datasheet
60Kb / 4P
8-BIT SCANNABLE REGISTER
SY10E337 MICREL-SY10E337 Datasheet
64Kb / 4P
3-BIT SCANNABLE
logo
ON Semiconductor
MC10E212 ONSEMI-MC10E212_06 Datasheet
183Kb / 7P
5V ECL 3-Bit Scannable Registered Address Driver
June, 2006 ??Rev. 5
MC74VHC595 ONSEMI-MC74VHC595 Datasheet
269Kb / 12P
8-Bit Shift Register with Output Storage Register (3-State)
March, 2006 -- Rev. 4
MC100E241 ONSEMI-MC100E241_06 Datasheet
125Kb / 7P
5V ECL 8-Bit Scannable Register
October, 2006 ??Rev. 3
logo
Micrel Semiconductor
SY10E337 MICREL-SY10E337_06 Datasheet
67Kb / 5P
3-BIT SCANNABLE REGISTERED BUS TRANSCEIVER
logo
SHENZHEN FUMAN ELECTRON...
74HC595D FUMAN-74HC595D Datasheet
523Kb / 8P
3-state 8-bit shift register
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com