Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51AC3-RDTUM Datasheet(PDF) 20 Page - ATMEL Corporation

Part # AT89C51AC3-RDTUM
Description  Enhanced 8-bit Microcontroller with 64KB Flash Memory
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51AC3-RDTUM Datasheet(HTML) 20 Page - ATMEL Corporation

Back Button AT89C51AC3-RDTUM Datasheet HTML 16Page - ATMEL Corporation AT89C51AC3-RDTUM Datasheet HTML 17Page - ATMEL Corporation AT89C51AC3-RDTUM Datasheet HTML 18Page - ATMEL Corporation AT89C51AC3-RDTUM Datasheet HTML 19Page - ATMEL Corporation AT89C51AC3-RDTUM Datasheet HTML 20Page - ATMEL Corporation AT89C51AC3-RDTUM Datasheet HTML 21Page - ATMEL Corporation AT89C51AC3-RDTUM Datasheet HTML 22Page - ATMEL Corporation AT89C51AC3-RDTUM Datasheet HTML 23Page - ATMEL Corporation AT89C51AC3-RDTUM Datasheet HTML 24Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 143 page
background image
20
AT89C51AC3
4383B–8051–01/05
Data Memory
The AT89C51AC3 provides data memory access in two different spaces:
1. The internal space mapped in three separate segments:
•
the lower 128 Bytes RAM segment.
•
the upper 128 Bytes RAM segment.
•
the expanded 2048 Bytes RAM segment (ERAM).
2. The external space.
A fourth internal segment is available but dedicated to Special Function Registers,
SFRs, (addresses 80h to FFh) accessible by direct addressing mode.
Figure 8 shows the internal and external data memory spaces organization.
Figure 7. Internal Memory - RAM
Figure 8. Internal and External Data Memory Organization ERAM-XRAM
Upper
128 Bytes
Internal RAM
Lower
128 Bytes
Internal RAM
Special
Function
Registers
80h
80h
00h
FFh
FFh
direct addressing
addressing
7Fh
direct or indirect
indirect addressing
256 up to 2048 Bytes
00h
64K Bytes
External XRAM
0000h
FFFFh
Internal ERAM
EXTRAM = 0
EXTRAM = 1
FFh or 7FFh
Internal
External



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com