Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51AC3-RDTUM Datasheet(PDF) 48 Page - ATMEL Corporation

Part # AT89C51AC3-RDTUM
Description  Enhanced 8-bit Microcontroller with 64KB Flash Memory
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51AC3-RDTUM Datasheet(HTML) 48 Page - ATMEL Corporation

Back Button AT89C51AC3-RDTUM Datasheet HTML 44Page - ATMEL Corporation AT89C51AC3-RDTUM Datasheet HTML 45Page - ATMEL Corporation AT89C51AC3-RDTUM Datasheet HTML 46Page - ATMEL Corporation AT89C51AC3-RDTUM Datasheet HTML 47Page - ATMEL Corporation AT89C51AC3-RDTUM Datasheet HTML 48Page - ATMEL Corporation AT89C51AC3-RDTUM Datasheet HTML 49Page - ATMEL Corporation AT89C51AC3-RDTUM Datasheet HTML 50Page - ATMEL Corporation AT89C51AC3-RDTUM Datasheet HTML 51Page - ATMEL Corporation AT89C51AC3-RDTUM Datasheet HTML 52Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 143 page
background image
48
AT89C51AC3
4383B–8051–01/05
Figure 25. Column Latches Loading Procedure
Note:
The last page address used when loading the column latch is the one used to select the
page programming address.
Programming the Flash Spaces
User
The following procedure is used to program the User space and is summarized in
Figure 26:
•
Load up to one page of data in the column latches from address 0000h to FFFFh.
•
Save and Disable the interrupts.
•
Launch the programming by writing the data sequence 50h followed by A0h in
FCON register (only from FM1).
The end of the programming indicated by the FBUSY flag cleared.
•
Restore the interrupts.
Extra Row
The following procedure is used to program the Extra Row space and is summarized in
Figure 26:
•
Load data in the column latches from address FF80h to FFFFh.
•
Save and Disable the interrupts.
•
Launch the programming by writing the data sequence 52h followed by A2h in
FCON register (only from FM1).
The end of the programming indicated by the FBUSY flag cleared.
•
Restore the interrupts.
Column Latches
Loading
Data Load
DPTR = Address
ACC = Data
Exec: MOVX @DPTR, A
Last Byte
to load?
Column Latches Mapping
FCON = 08h (FPS=1)
Data memory Mapping
FCON = 00h (FPS = 0)
Save and Disable IT
EA = 0
Restore IT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com