Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCP-155B4JDRA Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # LCP-155B4JDRA
Description  RoHS Compliant SFP Transceiver for ATM, SONET OC-3/SDH STM-1 with Digital Diagnostic Monitoring Function
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

LCP-155B4JDRA Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  LCP-155B4JDRA Datasheet HTML 1Page - Delta Electronics, Inc. LCP-155B4JDRA Datasheet HTML 2Page - Delta Electronics, Inc. LCP-155B4JDRA Datasheet HTML 3Page - Delta Electronics, Inc. LCP-155B4JDRA Datasheet HTML 4Page - Delta Electronics, Inc. LCP-155B4JDRA Datasheet HTML 5Page - Delta Electronics, Inc. LCP-155B4JDRA Datasheet HTML 6Page - Delta Electronics, Inc. LCP-155B4JDRA Datasheet HTML 7Page - Delta Electronics, Inc. LCP-155B4JDRA Datasheet HTML 8Page - Delta Electronics, Inc. LCP-155B4JDRA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
DELTA ELECTRONICS, INC.
1
Nov., 2006
Rev. 0B
www.deltaww.com
RoHS Compliant SFP Transceiver for ATM, SONET OC-3/SDH STM-1
with Digital Diagnostic Monitoring Function
FEATURES
Compliant with SFP transceiver SFF-8472
MSA specification with internal calibration
Compliant with Short-haul SONET OC-3 /
SDH STM-1 (S-1.1)
Multirate operation from 100Mb/s to 155Mb/s
Single + 3.3V power supply and TTL logic
interface
EEPROM with Serial ID functionality
Laser Class 1 product which comply with the
requirements of IEC 60825-1 and IEC 60825-2
Duplex LC connector interface
Description
The LCP-155B4JDRAx series are a hot
pluggable 3.3V Small-Form-Factor transceiver
module
designed
expressly
for
high-speed
communication applications that require rates of
up to 155Mbit/sec. It is compliant with the ATM,
SONET OC-3/SDH STM-1 standards, as well as
the SFF-8472 SFP Multisource Agreement
(MSA).
The LCP-155B4JDRAx series are designed to
be compliant with SFF-8472 SFP Multi-source
Agreement
(MSA)
with
digital
diagnostic
monitoring functions: Temperature, VCC, TX
optical power, TX laser bias current, and RX
received optical power.
The post-amplifier of the LCP-155B4JDRAx
series also includes a Loss of Signal (LOS) circuit
that provides a TTL logic-high output when the
received optical level is below a preset LOS
Assert threshold.
Applications
SONET OC-3/SDH STM-1
ATM Network
Fast Ethernet
Switch to Switch interface
Switched backplane applications
File server interface
Performance
LCP-155B4JDRAx Data Link up to 15km in
9/125
μm Single Mode Fiber


Similar Part No. - LCP-155B4JDRA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
LCP-155B4JDR DELTA-LCP-155B4JDR Datasheet
239Kb / 13P
RoHS Compliant SFP Transceiver for ATM, SONET OC-3/SDH STM-1 with Digital Diagnostic Monitoring Function
LCP-155B4JDRH DELTA-LCP-155B4JDRH Datasheet
239Kb / 13P
RoHS Compliant SFP Transceiver for ATM, SONET OC-3/SDH STM-1 with Digital Diagnostic Monitoring Function
LCP-155B4JDRT DELTA-LCP-155B4JDRT Datasheet
239Kb / 13P
RoHS Compliant SFP Transceiver for ATM, SONET OC-3/SDH STM-1 with Digital Diagnostic Monitoring Function
More results

Similar Description - LCP-155B4JDRA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TTC-2T13 ETC1-TTC-2T13 Datasheet
94Kb / 2P
1 X 9 Fiber Optic Transceiver for 155 Mbps ATM, SONET OC-3/SDH STM-1
logo
Agilent(Hewlett-Packard...
HFCT-5805 HP-HFCT-5805 Datasheet
219Kb / 10P
155 Mb/s Single Mode Fiber Optic Transceiver for ATM, SONET OC-3/SDH STM-1
logo
List of Unclassifed Man...
TTC-2T18 ETC1-TTC-2T18 Datasheet
90Kb / 2P
1 X 9 FIBER OPTIC TRANSCEIVER FOR 155 MBPS ATM, SONET OC-3/SDH STM-1
logo
Delta Electronics, Inc.
LCP-155A4HDR DELTA-LCP-155A4HDR Datasheet
239Kb / 13P
RoHS Compliant SFP Transceiver for ATM, SONET OC-3/SDH STM-1 with Digital Diagnostic Monitoring Function
LCP-155A4HSR DELTA-LCP-155A4HSR Datasheet
200Kb / 11P
RoHS compliant Small Form Factor Pluggable Transceiver for Fast Ethernet, ATM, SONET OC-3/SDH STM-1
LCP-155B4JSR DELTA-LCP-155B4JSR Datasheet
290Kb / 12P
RoHS Compliant Small Form Factor Pluggable Transceiver for Fast Ethernet, ATM, SONET OC-3/SDH STM-1
LCP-155D4RDR DELTA-LCP-155D4RDR Datasheet
239Kb / 13P
RoHS Compliant SFP Transceiver for ATM, SONET OC-3/SDH STM-1 with Digital Diagnostic Monitoring Function
LCP-200A4HSR DELTA-LCP-200A4HSR Datasheet
151Kb / 9P
RoHS Compliant Small Form Factor Pluggable Transceiver RoHS Compliant for ESCON, Fast Ethernet, ATM, SONET OC-3/SDH STM-1
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5805BZ AVAGO-AFCT-5805BZ Datasheet
139Kb / 10P
155 Mb/s Single Mode Fiber Optic Transceiver for ATM, SONET OC-3/SDH STM-1
AFCT-5805AZ AVAGO-AFCT-5805AZ Datasheet
139Kb / 10P
155 Mb/s Single Mode Fiber Optic Transceiver for ATM, SONET OC-3/SDH STM-1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com