Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCP-155B4JDRA Datasheet(PDF) 13 Page - Delta Electronics, Inc.

Part # LCP-155B4JDRA
Description  RoHS Compliant SFP Transceiver for ATM, SONET OC-3/SDH STM-1 with Digital Diagnostic Monitoring Function
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

LCP-155B4JDRA Datasheet(HTML) 13 Page - Delta Electronics, Inc.

Back Button LCP-155B4JDRA Datasheet HTML 5Page - Delta Electronics, Inc. LCP-155B4JDRA Datasheet HTML 6Page - Delta Electronics, Inc. LCP-155B4JDRA Datasheet HTML 7Page - Delta Electronics, Inc. LCP-155B4JDRA Datasheet HTML 8Page - Delta Electronics, Inc. LCP-155B4JDRA Datasheet HTML 9Page - Delta Electronics, Inc. LCP-155B4JDRA Datasheet HTML 10Page - Delta Electronics, Inc. LCP-155B4JDRA Datasheet HTML 11Page - Delta Electronics, Inc. LCP-155B4JDRA Datasheet HTML 12Page - Delta Electronics, Inc. LCP-155B4JDRA Datasheet HTML 13Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
DELTA ELECTRONICS, INC.
13
Nov., 2006
Rev. 0B
www.deltaww.com
1) Temperature is measured internal to the transceiver
2) Voltage is measured internal to the transceiver
Regulatory Compliance
Test Item
Reference
Qty’
Evaluation
(#1)
Electromagnetic Interference
EMC
FCC Class B
EN 55022 Class B
CISPR 22
5
(#2) Immunity:
Radio Frequency
Electromagnetic Field
EN 61000-4-3
IEC 1000-4-3
5
(#3) Immunity:
Electrostatic Discharge to the
Duplex SC Receptacle
EN 61000-4-2
IEC 1000-4-2
IEC 801.2
5
(#4) Electrostatic Discharge to
the Electrical Pins
MIL-STD-883C
Method 3015.4
EIAJ#1988.3.2B
Version 2,
Machine model
5
(1) Satisfied with electrical characteristics of
product spec.
(2) No physical damage
Ordering information for SFP modules
LCP-155X1X2X3X4X5X6X7
X1: Fiber
B
: Single-mode 1310nm
X5: Housing Type
R
: RoHS compliant
X2: Power Supply Voltage and SD Level
4
: 3.3V, TTL SD Level
X6:
A
: New Design
X3:
X4:
Distance
J
: 15km
Digital Diagnostic Function
D
: DDM series, with digital diagnostic
function
X7: Temperature
Blank
: -5 to +70 degree C
H
: -10 to +85 degree C
T
: -40 to +85 degree C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com