Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3940 Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # 3940
Description  FULL-BRIDGE POWER MOSFET CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3940 Datasheet(HTML) 4 Page - Allegro MicroSystems

  3940_03 Datasheet HTML 1Page - Allegro MicroSystems 3940_03 Datasheet HTML 2Page - Allegro MicroSystems 3940_03 Datasheet HTML 3Page - Allegro MicroSystems 3940_03 Datasheet HTML 4Page - Allegro MicroSystems 3940_03 Datasheet HTML 5Page - Allegro MicroSystems 3940_03 Datasheet HTML 6Page - Allegro MicroSystems 3940_03 Datasheet HTML 7Page - Allegro MicroSystems 3940_03 Datasheet HTML 8Page - Allegro MicroSystems 3940_03 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
3940
FULL-BRIDGE POWER
MOSFET CONTROLLER
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
4
ELECTRICAL CHARACTERISTICS: unless otherwise noted at TA= -40°C to +135°C, TJ = -40°C to +150°C,
VIN ≤≤≤≤≤ VBB = 7 V to 40 V, Cp = 0.47 µF, Cr = 1 µF, CREG5 = 0.1 µF, CREG13 = 10 µF, CBOOT = 0.1 µF, PWM = 22.5 kHz
square wave.
Limits
Characteristics
Symbol
Conditions
Min
Typ
Max
Units
Power Supply
V
BB Quiescent Current
I
BB
RESET = 1, V
BB = VIN = 40 V, VIN ≠ VCP,
–
4.8
7.0
mA
coast, stopped, CP disabled, I
DEAD = 170 µA
RESET = 1, V
BB = VIN = 15 V, VIN ≠ VCP,
–
4.3
7.0
mA
coast, stopped, CP disabled, I
DEAD = 170 µA
RESET = 1, V
BB = VIN = 40 V, VIN ≠ VCP, coast,
–
5.0
7.0
mA
stopped, I
DEAD = 170 µA, ICP = 0 mA
RESET = 1, V
BB = VIN = 15 V, VIN ≠ VCP, coast,
–
4.8
7.0
mA
stopped, I
DEAD = 170 µA, ICP = 0 mA
RESET = 1, V
BB = VIN = 40 V, VIN ≠ VCP, coast,
–
35.4
40.0
mA
stopped, I
DEAD = 170 µA, ICP = 15 mA
RESET = 1, V
BB = VIN = 15 V, VIN ≠ VCP, coast,
–
35.1
40.0
mA
stopped, I
DEAD = 170 µA, ICP = 15 mA
RESET = 0
–
–
1.0
µA
VREG5 Output Voltage
V
REG5
No load
4.5
5.0
5.5
V
VREG5 Line Regulation
V
REG5
I
REG5 = 4.0 mA
–
5.0
–
mV
VREG5 Load Regulation
V
REG5
I
REG5 = 0 - 4.0 mA, VBB = 40 V
–
5.0
–
mV
VREG5 Short-Circuit Current
I
REG5M
V
BB = 40 V, VREG5 = 0
–
28
–
mA
VCP Output Voltage Level
V
CP
V
BB = 14 - 40 V, ICP = 15 mA
V
BB+9.5
V
BB+10.7 VBB+11.8
V
V
BB = 7 V, ICP = 15 mA
11.7
13
13.8
V
VCP Gate Drive
I
CP
SR = 1, MODE = 0, ENABLE = PWM
15
–
–
mA
VCP Output Voltage Ripple
V
CP(PP)
I
CP = 15 mA, VBB = 14 V - 40 V
–
500
–
mV
VCP Pump-Up time
t
up
V
IN = VCP, VBB = 14 V - 40 V
–
2.5
–
ms
V
IN = VCP, VBB = 7 V
–
3.5
–
ms
VREG13 Quiescent Input Current
I
REG13
RESET = 1, V
BB = VIN = 40 V, coast, stopped
–
1.4
–
mA
VREG13 Output Voltage
V
REG13
V
IN = 15 V, no load
12.6
13.3
14.0
V
VREG13 Dropout Voltage
V
REGDV
I
REG13 = 15 mA, VIN = 11 V - 14 V
–
0.7
–
V
VREG13 Line Regulation
V
REG13
V
IN = 15 V - 40 V, IREG13 = 15 mA
–
2.0
–
mV
VREG13 Load Regulation
V
REG13
V
IN = 40 V, IREG13 = 0 - 15 mA
–
2.0
–
mV
VREG13 Short-Circuit Current
I
REG13M
V
IN = 40 V, VREG13 = 0 (pulse)
–
60
–
mA
Go-to-Sleep Response Time
t
sleep
RESET = 0 to V
REG5 = 4 V
10
30
–
µs
Wake-Up Response Time
t
wake
RESET = 1 to V
REG13, UV cleared
–
1.4
–
ms
NOTES:
Typical Data is for design information only.
Negative current is defined as coming out of (sourcing) the specified device terminal.
Continued next page …



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com