Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3940 Datasheet(PDF) 7 Page - Allegro MicroSystems

Part # 3940
Description  FULL-BRIDGE POWER MOSFET CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3940 Datasheet(HTML) 7 Page - Allegro MicroSystems

Back Button 3940_03 Datasheet HTML 3Page - Allegro MicroSystems 3940_03 Datasheet HTML 4Page - Allegro MicroSystems 3940_03 Datasheet HTML 5Page - Allegro MicroSystems 3940_03 Datasheet HTML 6Page - Allegro MicroSystems 3940_03 Datasheet HTML 7Page - Allegro MicroSystems 3940_03 Datasheet HTML 8Page - Allegro MicroSystems 3940_03 Datasheet HTML 9Page - Allegro MicroSystems 3940_03 Datasheet HTML 10Page - Allegro MicroSystems 3940_03 Datasheet HTML 11Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
3940
FULL-BRIDGE POWER
MOSFET CONTROLLER
www.allegromicro.com
7
Terminal Functions
Terminal
Terminal Name
Function
Number
VDRAIN
Kelvin connection to MOSFET high-side drains
1
LSS
Gate-drive source return, low-side
2
GLB
Gate-drive B output, low-side
3
SB
Motor phase B input
4
GHB
Gate-drive B output, high-side
5
CB
Bootstrap capacitor B
6
VIN
Regulated 13 V gate drive supply input
7
VREG13
Regulated 13 V gate drive supply output
8
CA
Bootstrap A capacitor
9
GHA
Gate-drive A output, high-side
10
SA
Motor phase A input
11
GLA
Gate-drive A output, low-side
12
VBB
Battery supply
13
CP2
Charge pump connection for pumping capacitor
14
VCP
Charge pump output
15
CP1
Charge pump connection for pumping capacitor
16
GND
Common ground and dc supply returns
Electrically connected to exposed thermal pad of LP package
17
FAULT
Open-drain fault output
18
OVSET
DC input, overvoltage threshold setting for V
BB
19
VREG5
Regulated 5 V supply output
20
MODE
Control input
21
SR
Control input
22
ENABLE
Control input
23
PHASE
Control input
24
RESET
Control input
25
LONG
Control input, long or short deadtime
26
IDEAD
Adjust current for basic deadtime
27
VDSTH
DC input, drain-to-source monitor threshold voltage
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com