Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9130AX Datasheet(PDF) 9 Page - Cisco Systems, Inc.

Part # 9130AX
Description  Cisco Catalyst 9130AX Series Access Points
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CISCO [Cisco Systems, Inc.]
Direct Link  https://www.cisco.com/
Logo CISCO - Cisco Systems, Inc.

9130AX Datasheet(HTML) 9 Page - Cisco Systems, Inc.

Back Button 9130AX Datasheet HTML 5Page - Cisco Systems, Inc. 9130AX Datasheet HTML 6Page - Cisco Systems, Inc. 9130AX Datasheet HTML 7Page - Cisco Systems, Inc. 9130AX Datasheet HTML 8Page - Cisco Systems, Inc. 9130AX Datasheet HTML 9Page - Cisco Systems, Inc. 9130AX Datasheet HTML 10Page - Cisco Systems, Inc. 9130AX Datasheet HTML 11Page - Cisco Systems, Inc. 9130AX Datasheet HTML 12Page - Cisco Systems, Inc. 9130AX Datasheet HTML 13Page - Cisco Systems, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
© 2022 Cisco and/or its affiliates. All rights reserved.
Page 9 of 17
Item
Specification
Environmental
Cisco Catalyst 9130AXI
●
Nonoperating (storage) temperature: -22° to 158°F (-30° to 70°C)
●
Nonoperating (storage) altitude test: 25˚C, 15,000 ft (4600 m)
●
Operating temperature: 32° to 122°F (0° to 50°C)
●
Operating humidity: 10% to 90% (noncondensing)
●
Operating altitude test: 40˚C, 9843 ft (3000 m)
Note: When the ambient operating temperature exceeds 40°C, the access point will shift from 8x8
to 4x4 on the 5 GHz radio, uplink Ethernet will downgrade to 1 Gigabit Ethernet; however, the USB
interface will remain enabled.
Cisco Catalyst 9130AXE
●
Nonoperating (storage) temperature: -22° to 158°F (-30° to 70°C)
●
Nonoperating (storage) altitude test: 25˚C, 15,000 ft (4600 m)
●
Operating temperature: -4° to 122°F (-20° to 50°C)
●
Operating humidity: 10% to 90% (noncondensing)
●
Operating altitude test: 40˚C, 9843 ft.(3000 m)
System memory
●
2048 MB DRAM
●
1024 MB flash
Warranty
Limited lifetime hardware warranty
Available transmit
power settings
2.4 GHz
●
23 dBm (200 mW)
●
-4 dBm(0.39 mW)
5 GHz
●
26 dBm (400 mW)
●
-1 dBm (0.79 mW)
Regulatory domains Note: Customers are responsible for verifying approval for use in their individual countries. To
verify approval and to identify the regulatory domain that corresponds to a particular country,
visit https://www.cisco.com/go/aironet/compliance.
For information about regulatory domain support, refer to the Cisco Regulatory Domain White Paper.
Compliance
standards
●
Safety:
◦ IEC 60950-1
◦ EN 60950-1
◦ UL 60950-1
◦ CAN/CSA-C22.2 No. 60950-1
◦ AS/NZS60950.1
◦ UL 2043
◦ Class III equipment
●
Emissions:
◦ CISPR 32 (rev. 2015)
◦ EN 55032 (rev. 2012/AC:2013)
◦ EN 55032 (rev. 2015)
◦ EN61000-3-2 (rev. 2014)
◦ EN61000-3-3 (rev. 2013)
◦ KN61000-3-2
◦ KN61000-3-3
◦ AS/NZS CISPR 32 Class B (rev. 2015)
●
Radio:
◦ EN 300 328 (v2.1.1)
◦ EN 301 893 (v2.1.1)
◦ AS/NZS 4268 (rev. 2017)
◦ 47 CFR FCC Part 15C, 15.247, 15.407
◦ RSP-100
◦ RSS-GEN
◦ RSS-247
◦ China regulations SRRC
◦ LP0002 (rev 2018.1.10)
◦ Japan Std. 33a, Std. 66, and Std. 71
●
RF safety:
◦ EN 50385 (rev. Aug 2002)
◦ ARPANSA
◦ AS/NZS 2772 (rev. 2016)
◦ EN 62209-1 (rev. 2016)
◦ EN 62209-2 (rev. 2010)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com