Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9130AX Datasheet(PDF) 3 Page - Cisco Systems, Inc.

Part # 9130AX
Description  Cisco Catalyst 9130AX Series Access Points
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CISCO [Cisco Systems, Inc.]
Direct Link  https://www.cisco.com/
Logo CISCO - Cisco Systems, Inc.

9130AX Datasheet(HTML) 3 Page - Cisco Systems, Inc.

  9130AX Datasheet HTML 1Page - Cisco Systems, Inc. 9130AX Datasheet HTML 2Page - Cisco Systems, Inc. 9130AX Datasheet HTML 3Page - Cisco Systems, Inc. 9130AX Datasheet HTML 4Page - Cisco Systems, Inc. 9130AX Datasheet HTML 5Page - Cisco Systems, Inc. 9130AX Datasheet HTML 6Page - Cisco Systems, Inc. 9130AX Datasheet HTML 7Page - Cisco Systems, Inc. 9130AX Datasheet HTML 8Page - Cisco Systems, Inc. 9130AX Datasheet HTML 9Page - Cisco Systems, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
© 2022 Cisco and/or its affiliates. All rights reserved.
Page 3 of 17
The Cisco Catalyst 9130AX Series Access Points are the next generation of enterprise
access points. They are resilient, secure, and intelligent.
With the emergence of high-density networks and the Internet of Things (IoT), we are more dependent on
wireless networks than ever before. Increasing numbers of devices connect to the network every year, ranging
from high-performance client devices to low-bandwidth IoT devices. Cisco Catalyst 9130AX Series Access
Points provide a seamless experience anywhere for everyone, with high scaling and unmatched performance in
diverse network deployments. Going beyond the Wi-Fi 6 (802.11ax) standard, the 9130AX Series provides
integrated security, resiliency, and operational flexibility as well as increased network intelligence.
Extending Cisco’s intent-based network and perfect for networks of all sizes, the Cisco Catalyst 9130AX Series
scales to meet the growing demands of IoT while fully supporting the latest innovations and new technologies.
The 9130AX Series is also a leader in performance, security, and analytics.
The Cisco Catalyst 9130AX Series Access Points, paired with the Cisco Digital Network Architecture (Cisco
DNA), are enterprise-class products that will address both your current and future needs. They are the first step
in updating your network to take better advantage of all of the features and benefits that Wi-Fi 6 provides.
Table 1.
Features and benefits
Feature
Benefits
Wi-Fi 6 (802.11ax)
The IEEE 802.11ax emerging standard, also known as High-Efficiency Wireless (HEW)
or Wi-Fi 6, builds on 802.11ac. It delivers a better experience in typical environments
with more predictable performance for advanced applications such as 4K or 8K video,
high-density, high-definition collaboration apps, all-wireless offices, and IoT. Wi-Fi 6 is
designed to use both the 2.4-GHz and 5-GHz bands, unlike the 802.11ac standard.
Cisco RF ASIC
The Cisco RF Application-Specific Integrated Circuit (ASIC) is a fully integrated
Software-Defined Radio (SDR) that can perform advanced RF spectrum analysis and
delivers features such as Cisco CleanAir, Wireless Intrusion Prevention System (WIPS),
FastLocate, and Dynamic Frequency Selection (DFS) detection.
Uplink/downlink OFDMA
Orthogonal Frequency-Division Multiple Access (OFDMA)-based scheduling splits the
bandwidth into smaller frequency allocations called Resource Units (RUs), which can
be assigned to individual clients in both the downlink and uplink directions to reduce
overhead and latency.
Uplink/downlink MU-MIMO
technology
Supporting eight spatial streams, Multiuser Multiple Input, Multiple Output (MU-MIMO)
enables access points to split spatial streams between client devices to maximize
throughput.
BSS coloring
Spatial reuse (also known as Basic Service Set [BSS] coloring) allows the access
points and their clients to differentiate between BSSs, thus permitting more



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com