Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5804 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 5804
Description  738A ADEMCO™ INTERFACE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

5804 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  5804 Datasheet HTML 1Page - List of Unclassifed Manufacturers 5804 Datasheet HTML 2Page - List of Unclassifed Manufacturers 5804 Datasheet HTML 3Page - List of Unclassifed Manufacturers 5804 Datasheet HTML 4Page - List of Unclassifed Manufacturers 5804 Datasheet HTML 5Page - List of Unclassifed Manufacturers 5804 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
738A INSTALLATION GUIDE
|
DIGITAL MONITORING PRODUCTS
3
ZONE NO:
ZONE NUMBER
After selecting
ADD, enter a wireless transmitter zone number to be programmed into the
module at the Zone Number option. Press
CMD to accept the zone number.
This zone number must correspond to a zone number programmed into the panel.
When the module is connected to the Keypad Bus and any wireless input zones for a
particular address are programmed (Ex: 11‑14 = Addr 1), the module responds to polls for this
address. Other devices, such as keypads, cannot use this address. For more information about
addressing the module, refer to Table 1 and Table 2.
*UN
RF
UR BR
TRANSMITTER TYPE
Enter a transmitter type by pressing the select key that corresponds to the type of transmitter
used. An asterisk appears to the left of the transmitter type chosen. Default is
UN. Press
the
CMD key to accept the selection. Refer to the installation instructions provided with the
Ademco transmitter for additional information.
UN = Unused Zone
UR = Unsupervised Transmitter
RF = Supervised Transmitter
BR = Button Transmitter
When a transmitter reed switch, contact, or button is in a faulted condition, the corresponding
panel zone is
SHORTED. When the transmitter tamper is in a faulted condition, the
corresponding panel zone is
OPEN.
Note: Supervised transmitters need to report to the module at least once every 12 hours.
If not, the DMP panel indicates that the zone is missing.
LEARN ID? NO YES
TRANSMITTER IDENTIFICATION NUMBER
TRANSMIT NOW
Select
YES to enter Learn ID programming. The keypad displays TRANSMIT NOW. For the
module to learn the transmitter identification number, the transmitter input (reed switch or
contact) must be activated (tripped) and restored. The first activation beeps the program
keypad once. Within four to eight seconds after the first activation the transmitter input must
be tripped and restored a second time. The keypad beeps twice. The keypad displays the
“learned” transmitter identification number (ID). To accept this number, press the
CMD key.
ID: _ _ _ _ _ _ _
Select
NO to manually enter the transmitter identification number. At ID: _ _ _ _ _ _ _, enter
the seven‑digit transmitter number printed under the bar code on the label attached to your
Ademco transmitter. Press
CMD to accept the number.
Note: When programming a 5804BD, you must manually enter the Transmitter ID
Number.
INPUT NO: _
TRANSMITTER INPUT NUMBER
Enter a number (1 to 4) to identify the transmitter input zone. When the transmitter ID is
“learned,” the keypad displays the zone input number. Refer to the Ademco transmitter
installation instructions for zone input information. Default is 
1. Press the CMD key to accept
the number. The display returns to
ZONE NO for programming the next transmitter.
ALREADY ZONE: XX
TRANSMITTER ALREADY LEARNED
This display indicates the transmitter has previously been learned as a zone and continuously
displays until the Back Arrow or
CMD key is pressed. Pressing the Back Arrow key returns
programming to
TRANSMIT NOW to allow a different transmitter to be learned. Pressing the
CMD key returns programming to ZONE NO.
PANEL
ADDRESS
ZONE NUMBERS
XT30/XT50
SERIES
XR150/XR550
SERIES
1
11 to 14
11 to 14
2
21 to 24
21 to 24
3
31 to 34
31 to 34
4
41 to 44
41 to 44
5
51 to 54
51 to 54
6
61 to 64
61 to 64
7
71 to 74
71 to 74
8
81 to 84
81 to 84
738A
ADDRESS
XR150/XR550 SERIES LX‑BUS
PANEL ZONE RANGE
LX‑BUS 1
LX‑BUS 2
LX‑BUS 3
LX‑BUS
4
LX‑BUS 5
1
501
601
701
801
901
2
502
602
702
802
902
3
503
603
703
803
903
...
...
...
...
...
...
16
516
616
716
816
916
17
517
617
717
817
917
18
518
618
718
818
918
...
...
...
...
...
...
32
532
632
732
832
932
Table 1: Keypad Bus Addresses
Table 2: LX‑Bus Addresses



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com