Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5804 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 5804
Description  738A ADEMCO™ INTERFACE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

5804 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  5804 Datasheet HTML 1Page - List of Unclassifed Manufacturers 5804 Datasheet HTML 2Page - List of Unclassifed Manufacturers 5804 Datasheet HTML 3Page - List of Unclassifed Manufacturers 5804 Datasheet HTML 4Page - List of Unclassifed Manufacturers 5804 Datasheet HTML 5Page - List of Unclassifed Manufacturers 5804 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
738A ADEMCO™ INTERFACE
MODULE
Installation Guide
DESCRIPTION
MODEL 738A
The 738A Ademco Interface
Module allows you to interface
Ademco 5881 wireless receivers
with the XR150/XR550 Series
and XT30/XT50 Series panels.
See “Compatibility” for specific
firmware levels. The module
provides up to 32 supervised,
programmable zones of Ademco
wireless transmitters.
The module supports the Armed,
Alarm, and Ready to Arm status
LEDs on an Ademco 5804BD. This
requires connecting an Ademco
5800TM to an XT30/XT50 panel.
Compatibility
•
XR150/XR550 Series panels
•
XT30/XT50 Series panels with
firmware Version 101 or higher
•
For a list of compatible Ademco
devices, refer to “Ademco
Compatibility”.
What is Included?
•
One 738A Ademco Interface
Module
•
Two Model 300 4‑Wire Harnesses
•
Hardware Pack
1 MOUNTTHEMODULE
The 738A comes in a high‑impact plastic housing that you can
mount directly to a wall, backboard, or other flat surface. For easy
installation, the back of the housing contains multiple holes that
allow you to mount the module on a single‑gang switch box or
ring. The module can also be mounted in a DMP enclosure using
the standard 3‑hole mounting pattern. Refer to Figure 2 and
Figure 3 as needed during installation.
1.
Hold the plastic standoffs against the inside of the enclosure
side wall.
2. Insert the included Phillips head screws from the outside of
the enclosure into the standoffs. Tighten the screws.
3. Carefully snap the module onto the standoffs.
WIRE THE MODULE
2Afterproperlymountingthemodule,followtheinstructionsto
wire the module to the panel. Refer to Figure 4 for wiring details.
1.
For Keypad Bus operation, connect a Model 300 4‑wire
harness from the DMP BUS header to the Keypad Bus. For
LX‑Bus operation, connect a Model 300 4‑wire harness
from the DMP BUS header to the LX‑Bus.
2. Connect the provided Model 300 4‑wire harness from
the RECEIVER header to the Ademco wireless receiver
and 5800TM transmitter harness. The maximum distance
between the Ademco wireless receiver and module is
3 feet.
3. When programming, connect a Model 330 dual‑ended
programming cable from the PROG header to any DMP
keypad.
4. Place the provided jumper across the PROGRAM header
to enter the 738A programming mode. When you’re done
programming, remove the jumper from the PROGRAM
header and place it on one pin for future use.
Figure 1: 738A Interface Module
Figure 2: Mounting Hole Locations
Figure 3: Standoff Installation
Mounting
holes


Similar Part No. - 5804

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
5804 ALLEGRO-5804 Datasheet
154Kb / 8P
BiMOS II UNIPOLAR STEPPER-MOTOR TRANSLATOR/DRIVER
logo
TEKTRONIX, INC.
5804 TEKTRONIX-5804 Datasheet
481Kb / 12P
Series 2400 SourceMeter SMU Instruments
logo
Aavid, Thermal Division...
580400B00000 AAVID-580400B00000 Datasheet
91Kb / 2P
For use with 20 PIN DIP packages
2/26/2003
580400B00000G AAVID-580400B00000G Datasheet
8Mb / 116P
Channel style heat sink with folded back fins
580400B00000G AAVID-580400B00000G Datasheet
8Mb / 116P
How to Use This Catalog
More results

Similar Description - 5804

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS2300 ONSEMI-NCS2300 Datasheet
401Kb / 7P
Headset Detection Interface Interface
June, 2014 ??Rev. 5
NCS2302 ONSEMI-NCS2302 Datasheet
81Kb / 8P
Headset Detection Interface Interface
June, 2014 ??Rev. 3
logo
PHOENIX CONTACT
2942153 PHOENIX-2942153 Datasheet
114Kb / 3P
INTERFACE Relay -INTERFACE Cabling
5606332 PHOENIX-5606332 Datasheet
114Kb / 3P
INTERFACE Relay - INTERFACE Cabling
logo
Infineon Technologies A...
BTS71033-6ESP INFINEON-BTS71033-6ESP Datasheet
1Mb / 86P
SPOC™ 2 Serial Interface Power Controller
Rev. 1.00 2022-04-05
BTS71040-4ESP INFINEON-BTS71040-4ESP Datasheet
1Mb / 83P
SPOC™ 2 Serial Interface Power Controller
Rev. 1.00 2022-04-05
S76HS512TC0 INFINEON-S76HS512TC0 Datasheet
218Kb / 16P
512Mb SEMPER™ Flash and 64Mb HYPERRAM™ 2.0 HYPERBUS™ interface, multi-chip package, 1.8 V/3.0 V
Rev. B 2022-09-21
BTS72220-4ESP INFINEON-BTS72220-4ESP Datasheet
3Mb / 88P
SPOC™ 2 Serial Interface Power Controller
Rev. 1.00 2022-04-05
BTS71220-4ESP INFINEON-BTS71220-4ESP Datasheet
3Mb / 88P
SPOC™ 2 Serial Interface Power Controller
Rev. 1.00 2022-04-05
logo
Texas Instruments
TMP144 TI-TMP144_V03 Datasheet
1Mb / 41P
TMP144 Low-Power, Digital Temperature Sensor With SMAART Wire™ / UART Interface
REVISED SEPTEMBER 2023
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com