Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMD101 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # BMD101
Description  BMD101 Product Brief
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BMD101 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button BMD101 Datasheet HTML 6Page - List of Unclassifed Manufacturers BMD101 Datasheet HTML 7Page - List of Unclassifed Manufacturers BMD101 Datasheet HTML 8Page - List of Unclassifed Manufacturers BMD101 Datasheet HTML 9Page - List of Unclassifed Manufacturers BMD101 Datasheet HTML 10Page - List of Unclassifed Manufacturers BMD101 Datasheet HTML 11Page - List of Unclassifed Manufacturers BMD101 Datasheet HTML 12Page - List of Unclassifed Manufacturers BMD101 Datasheet HTML 13Page - List of Unclassifed Manufacturers BMD101 Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
BMD101 Product Brief (Preliminary) 2012
NeuroSky BMD101 Product Brief Rev 0.9.2
NeuroSky Confidential
Page 13
Packaging Information
Orderable Device
Status
Package Type
Pins
Eco Plan
(1)
MSL, Peak Temp
(2)
Storage Temp
(3)
NS BMD101
ACTIVE
SON
8
Pb-Free (RoHS)
Level-3-260C-168 HR
5°C - 30°C
Figure 6. BMD101 Pinout
Package Pin Assignments
Terminal
Name
Function
Direction
Comment
1
CS
Power up or down control of LDO
Input
Active high
2
SEP
Positive ECG analog input
Input
3
SEN
Negative ECG analog input
Input
4
RX
UART RX
Input
5
TX
UART TX
Output
6
RESET
System reset pin
Input
Active low
7
GND
Ground
Supply
8
VDD
3.3V power supply
Supply
(1) Pb-Free (RoHS) -- The term "Lead-Free" or "Pb-Free" means semiconductor products that are compatible with the
current RoHS requirements for all 6 substances, including the requirement that lead not exceed 0.1% by weight in
homogeneous materials.
(2) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications
and peak solder temperature.
(3) Recommended Temperature: room condition around 5 °C to 30 °C (can be stored for 1 year).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com