Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BP3309 Datasheet(PDF) 2 Page - Bright Power Semiconductor Co., Ltd.

Part # BP3309
Description  PSR Single-Stage APFC Offline LED Controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BPS [Bright Power Semiconductor Co., Ltd.]
Direct Link  http://www.bpsemi.com/en/
Logo BPS - Bright Power Semiconductor Co., Ltd.

BP3309 Datasheet(HTML) 2 Page - Bright Power Semiconductor Co., Ltd.

  BP3309 Datasheet HTML 1Page - Bright Power Semiconductor Co., Ltd. BP3309 Datasheet HTML 2Page - Bright Power Semiconductor Co., Ltd. BP3309 Datasheet HTML 3Page - Bright Power Semiconductor Co., Ltd. BP3309 Datasheet HTML 4Page - Bright Power Semiconductor Co., Ltd. BP3309 Datasheet HTML 5Page - Bright Power Semiconductor Co., Ltd. BP3309 Datasheet HTML 6Page - Bright Power Semiconductor Co., Ltd. BP3309 Datasheet HTML 7Page - Bright Power Semiconductor Co., Ltd. BP3309 Datasheet HTML 8Page - Bright Power Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
BP3309
PSR Single-Stage APFC Offline LED Controller
BP3309_DS_Rev 1.2
www.bpsemi.com
2
Bright Power Semiconductor Co. Confidential – Customer Use Only
Ordering Information
Part Number
Package
Operating
Temperature
Package Method
Marking
BP3309
SOP8
-40℃ to 105℃
Tape
2,500 Piece/Roll
BP3309
XXXXXY
XYY
Pin Configuration and Marking Information
CS
GND
COMP
LN
OUT
FB
VCC
ST
Figure 2. Pin configuration
Pin Definition
Pin No.
Name
Description
1
CS
Current Sense pin. This pin connects a resistor to GND to sense the
transformer primary side current.
2
GND
Ground.
3
COMP
Loop Compensation Node. This pin connects a capacitor to GND for
stabilization the control loop, achieve accurate LED current, high Power
Factor and low THD.
4
LN
Line Voltage Sense Input pin. This pin connects to the middle of resistor
divider from the rectified line voltage.
5
FB
Feedback Voltage Input pin. This pin detects the output information
through the auxiliary winding. It is also used for line regulation
compensation.
6
VCC
Power Supply pin. Connect a bypass cap from this pin to GND.
7
ST
Startup Voltage Generator pin. Connect a bypass cap from this pin to
GND. This pin is also used to bias external power MOSFET gate through
a resistor.
8
OUT
Internal Power MOSFET Drain. Connect to external high voltage power
MOSFET source.
XXXXXY: lot code
X: Year
YY:Week



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com