Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BP3309 Datasheet(PDF) 4 Page - Bright Power Semiconductor Co., Ltd.

Part # BP3309
Description  PSR Single-Stage APFC Offline LED Controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BPS [Bright Power Semiconductor Co., Ltd.]
Direct Link  http://www.bpsemi.com/en/
Logo BPS - Bright Power Semiconductor Co., Ltd.

BP3309 Datasheet(HTML) 4 Page - Bright Power Semiconductor Co., Ltd.

  BP3309 Datasheet HTML 1Page - Bright Power Semiconductor Co., Ltd. BP3309 Datasheet HTML 2Page - Bright Power Semiconductor Co., Ltd. BP3309 Datasheet HTML 3Page - Bright Power Semiconductor Co., Ltd. BP3309 Datasheet HTML 4Page - Bright Power Semiconductor Co., Ltd. BP3309 Datasheet HTML 5Page - Bright Power Semiconductor Co., Ltd. BP3309 Datasheet HTML 6Page - Bright Power Semiconductor Co., Ltd. BP3309 Datasheet HTML 7Page - Bright Power Semiconductor Co., Ltd. BP3309 Datasheet HTML 8Page - Bright Power Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
BP3309
PSR Single-Stage APFC Offline LED Controller
BP3309_DS_Rev 1.2
www.bpsemi.com
4
Bright Power Semiconductor Co. Confidential – Customer Use Only
Electrical Characteristics (Notes 4,5) (Unless otherwise specified, V
CC=14V and TA =25 ℃)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Startup Voltage Section
VST_ON
VST Startup Voltage
1mA, VCC=10V
16
17
18
V
VST_HYS
VST Hysteresis Voltage
VCC=14V
2
V
IST_ON
ST Startup Current
VCC=10V
20
35
uA
IST_OP
ST Operating Current
VCC=14V
35
60
uA
Supply Voltage Section
VCC_ON
VCC Startup Voltage
VCC Rising
10
11
12
V
VCC_UVLO
VCC Turn Off Threshold
VCC Falling
5.2
5.8
6.5
V
VCC_HOLD
VCC Hold Voltage
VCC Falling
7
7.5
8
V
ICC_UVLO
VCC Shutdown Current
VCC Rising,
VCC=10V
40
70
uA
IQ
VCC Quiescent Current
No Switching,
VCC=14V
320
600
uA
ICC
VCC Operating Current
FOP=60kHz
600
uA
VCC_OVP
VCC Overvoltage
Protection Threshold
20
V
Feedback Section
VFB_FALL
FB Falling Edge
Threshold Voltage
FB Falling
0.4
V
VFB_HYS
FB Hysteresis Voltage
FB Rising
0.6
V
VFB_OVP
Output Open FB pin
Detect Voltage
5.5
V
TOFF_MIN
Minimum OFF time
After Turn OFF
4.0
us
TOFF_MAX
Maximum OFF time
After Turn OFF
150
us
Current Sense Section
TLEB_CS
Leading Edge Blanking
Time for Current Sense
After Turn ON
350
ns
TDELAY
Switch off Delay Time
180
ns



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com