Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCM43236 Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # BCM43236
Description  2.4 GHz/5 GHz IEEE802.11n MAC/PHY/Radio Chip
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM43236 Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button BCM43236 Datasheet HTML 9Page - Cypress Semiconductor BCM43236 Datasheet HTML 10Page - Cypress Semiconductor BCM43236 Datasheet HTML 11Page - Cypress Semiconductor BCM43236 Datasheet HTML 12Page - Cypress Semiconductor BCM43236 Datasheet HTML 13Page - Cypress Semiconductor BCM43236 Datasheet HTML 14Page - Cypress Semiconductor BCM43236 Datasheet HTML 15Page - Cypress Semiconductor BCM43236 Datasheet HTML 16Page - Cypress Semiconductor BCM43236 Datasheet HTML 17Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
Global Functions
BROADCOM
September 16, 2013 • 43236_43236B-DS103-R
Page 12
®
BCM43236/BCM43236B Preliminary Data Sheet
Bluetooth Coexistence Interface
A 5-wire handshake interface is provided to enable signalling between the device and an external Bluetooth
device host to manage sharing of the wireless medium for optimum performance. The signals provided are:
• btcx_tx_conf
• btcx_rf_active
• btcx_status
• btcx_prisel
• btcx_freq
OTP
The BCM43236/BCM43236B chips contain an on-chip One-Time-Programmable (OTP) area that can be used for
nonvolatile storage of WLAN information such as a MAC address and other hardware-specific parameters. The
total area available for programming is 2 Kbits.
JTAG Interface
The BCM43236/BCM43236B chips support the IEEE 1149.1 JTAG boundary-scan standard for testing the device
packaging and PCB manufacturing.
UART Interface
One UART interface is provided that can be attached to RS-232 Data Termination Equipment (DTE) for
exchanging and managing data with other serial devices. The UART interface is primarily used for debugging
and development.
Serial Flash Interface
Serial flash is available regardless of whether USB 2.0 operation is enabled or disabled. The flash interface is an
STMicroelectronics®-compatible 4-pin interface.
Note: These five pins are muxed with the JTAG interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com