Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCM43236 Datasheet(PDF) 21 Page - Cypress Semiconductor

Part # BCM43236
Description  2.4 GHz/5 GHz IEEE802.11n MAC/PHY/Radio Chip
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM43236 Datasheet(HTML) 21 Page - Cypress Semiconductor

Back Button BCM43236 Datasheet HTML 17Page - Cypress Semiconductor BCM43236 Datasheet HTML 18Page - Cypress Semiconductor BCM43236 Datasheet HTML 19Page - Cypress Semiconductor BCM43236 Datasheet HTML 20Page - Cypress Semiconductor BCM43236 Datasheet HTML 21Page - Cypress Semiconductor BCM43236 Datasheet HTML 22Page - Cypress Semiconductor BCM43236 Datasheet HTML 23Page - Cypress Semiconductor BCM43236 Datasheet HTML 24Page - Cypress Semiconductor BCM43236 Datasheet HTML 25Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
Pin Assignments
BROADCOM
September 16, 2013 • 43236_43236B-DS103-R
Page 20
®
BCM43236/BCM43236B Preliminary Data Sheet
Section 3: Pin Assignments
This sections contains pin assignments and ballout information for the BCM43236/BCM43236B (88-pin)
packages.
BCM43236/BCM43236B 88-Pin QFN Assignments
Figure 8: BCM43236/BCM43236B 88-Pin QFN Package
88 87 86 85 84 83 82 81 80 79 78 77 76 75 74 73 72 71 70 69 68 67
1 VDDIO
BCM43236/BCM43236B 10 x 10 QFN
VDD
66
2 sflash_cs_l
mimophy_core1_ant1_rx
65
3 sflash_q
mimophy_core1_ant1_tx
64
4 sflash_c
VDDIO
63
5 sflash_d
UART_RX
62
6 mimophy_core0_ant0_tx
UART_TX
61
7 mimophy_core0_ant0_rx
VDD
60
8 VDD
VDDPLL/RF_AVDD_1p2
59
9 mimophy_core1_ant0_tx
USBLDO_2p5_out
58
10 mimophy_core1_ant0_rx
LDO_3p3_in
57
11 VDDIO
VREF
56
12 VDD
PAREF
55
13 gpio_7
PAREF_CTL1
54
14 jtag_trst_l
PAREF_CTL2
53
15 jtag_tdi
Ext_por
52
16 jtag_tck
xtal_buf_out
51
17 analog_wlan_iqtest_VDD1p2
i_xtal_VDD2p5/o_xtal_VDD2p5 50
18 jtag_tms
xtal_in
49
19 jtag_tdo
xtal_out
48
20 analog_wlan_iqtest_qp
synth_VDD1p2
47
21 analog_wlan_iqtest_qn
synth_vco_VDD1p2
46
22 analog_wlan_iqtest_in
vreg3p3_VDD3p3
45
23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com