Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC200S Datasheet(PDF) 1 Page - Quectel Wireless Solutions Co., Ltd.

Part # EC200S
Description  Quectel EC200S Series IoT/M2M-optimized LTE Cat 1 Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUECTEL [Quectel Wireless Solutions Co., Ltd.]
Direct Link  https://www.quectel.com/
Logo QUECTEL - Quectel Wireless Solutions Co., Ltd.

EC200S Datasheet(HTML) 1 Page - Quectel Wireless Solutions Co., Ltd.

  EC200S Datasheet HTML 1Page - Quectel Wireless Solutions Co., Ltd. EC200S Datasheet HTML 2Page - Quectel Wireless Solutions Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
EMAIL US: info@quectel.com
VISIT US: www.quectel.com
Quectel EC200S Series
IoT/M2M-optimized
LTE Cat 1 Module
Quectel EC200S series the latest LTE Cat 1 wireless communication modules optimized specially for M2M and IoT
applications. It delivers 10 Mbps downlink and 5 Mbps uplink data rates. Designed in compact and unified form factor,
EC200S series is compatible with Quectel multi-mode LTE Standard EC200T series /EC2x (EC25/EC21/EC20 R2.1/EC20-CN)
series/EG2x-G (EG21-G/EG25-G), and UMTS/HSPA+ UC200T series modules, which allows for flexible migration among them
in design and manufacturing. EC200S series also supports standard Mini PCIe package to meet the needs of product
applications in different industries.
EC200S series contains three variants: EC200S-CN, EC200S-EU* and EC200S-EN*, which meet the frequency band coverage of
different countries and regions. EC200S series adopts the laser engraving process to ensure more good-looking appearance,
strong metal texture, better heat dissipation, information not easy to be erased, and more suitable for automation
requirements.
A rich set of Internet protocols, industry-standard interfaces and abundant functionalities (USB serial drivers for Windows
7/8/8.1/10, Linux, Android) extend the applicability of the module to a wide range of M2M and IoT applications such as
industrial router, industrial PDA, rugged tablet PC, video surveillance, and digital signage.
Version: 1.0| Status: Released
Key Features
LTE Cat 1
Max. 10 Mbps (DL)
Max. 5 Mbps (UL)
LCC Package
Embedded
Abundant Protocols
USB Drivers
DFOTA
Wi-Fi Scan
(Optional)
USB 2.0 High Speed
Interface
Quectel Enhanced
AT Commands
GNSS*
(Optional)
LTE Cat 1 module optimized for M2M and IoT applications
Worldwide LTE and GSM/GPRS/EDGE coverage
Support Firmware Upgrade Over-The-Air (DFOTA)
Support Wi-Fi scan positioning (Optional)
Support GNSS Receiver * (Optional)
Super cost-effective


Similar Part No. - EC200S

ManufacturerPart #DatasheetDescription
logo
Clarke International
EC200 CLARKE-EC200 Datasheet
3Mb / 8P
WELDING EARTH CLAMPS
GC 0624
logo
Vishay Siliconix
EC200-104 VISHAY-EC200-104 Datasheet
179Kb / 2P
High Voltage DC Filter Capacitors
11-Aug-10
EC200-254 VISHAY-EC200-254 Datasheet
179Kb / 2P
High Voltage DC Filter Capacitors
11-Aug-10
EC200-503 VISHAY-EC200-503 Datasheet
179Kb / 2P
High Voltage DC Filter Capacitors
11-Aug-10
EC200-504 VISHAY-EC200-504 Datasheet
179Kb / 2P
High Voltage DC Filter Capacitors
11-Aug-10
More results

Similar Description - EC200S

ManufacturerPart #DatasheetDescription
logo
Quectel Wireless Soluti...
EG25-G QUECTEL-EG25-G Datasheet
691Kb / 2P
IoT/M2M-optimized LTE Cat 4 Module
EC20 QUECTEL-EC20 Datasheet
678Kb / 2P
IoT/M2M-optimized LTE Cat 4 Module
EC20 QUECTEL-EC20_V01 Datasheet
672Kb / 2P
IoT/M2M-optimized LTE Cat 4 Module
EC21 QUECTEL-EC21 Datasheet
673Kb / 3P
IoT/M2M-optimized LTE Cat 1 Module
EC21 QUECTEL-EC21_V01 Datasheet
572Kb / 3P
IoT/M2M-optimized LTE Cat 1 Module
EG21-G QUECTEL-EG21-G Datasheet
787Kb / 2P
IoT/M2M-optimized LTE Cat 1 Module
EG21-G QUECTEL-EG21-G_V01 Datasheet
692Kb / 2P
IoT/M2M-optimized LTE Cat 1 Module
EG25-G QUECTEL-EG25-G_V01 Datasheet
781Kb / 2P
IoT/M2M-optimized LTE Cat 4 Module
EC200T QUECTEL-EC200T Datasheet
680Kb / 2P
Quectel EC200T IoT/M2M-optimized LTE Cat 4 Module
EC200U QUECTEL-EC200U Datasheet
229Kb / 3P
Quectel EC200U Series IoT/M2M-optimized LTE Cat 1 Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com