Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC200S Datasheet(PDF) 2 Page - Quectel Wireless Solutions Co., Ltd.

Part # EC200S
Description  Quectel EC200S Series IoT/M2M-optimized LTE Cat 1 Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUECTEL [Quectel Wireless Solutions Co., Ltd.]
Direct Link  https://www.quectel.com/
Logo QUECTEL - Quectel Wireless Solutions Co., Ltd.

EC200S Datasheet(HTML) 2 Page - Quectel Wireless Solutions Co., Ltd.

  EC200S Datasheet HTML 1Page - Quectel Wireless Solutions Co., Ltd. EC200S Datasheet HTML 2Page - Quectel Wireless Solutions Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LTE Cat 1
EC200S-CN
EC200S-EU*
EC200S-EN*
Region/ Operator
China/ India
Europe
EMEA/ APAC
Dimensions (mm)
32.0 × 29.0 × 2.4
32.0 × 29.0 × 2.4
32.0 × 29.0 × 2.4
Temperature Range
Operating Temperature
-35 °C to +75 °C
-35 °C to +75 °C
-35 °C to +75 °C
Extended Temperature
-40 °C to +85 °C
-40 °C to +85 °C
-40 °C to +85 °C
Frequency Bands
LTE-FDD
B1/ B3/ B5/ B8
B1/ B3/ B5/ B7/ B8/ B20/ B28
B1/ B3/ B5/ B7/ B8/ B20/ B28/ B31/ B72
LTE-TDD
B34/ B38/ B39/ B40/ B41
B38/ B40/ B41
-
GSM/ EDGE
B3(Optional)/ B8 (Optional)
B2/ B3/ B5/ B8
B3/ B8
Certifications
Carrier
China: China Telecom/ China Mobile
TBD
TBD
Regulatory
China: SRRC/ NAL/ CCC
Europe: CE
Australia/New Zealand: RCM
Europe: CE*
Australia/New Zealand: RCM*
Others
RoHS/ WHQL
RoHS/ WHQL
RoHS/ WHQL
Max. Data Rates
LTE (Mbps)
10 (DL)/ 5(UL)
10 (DL)/ 5 (UL)
10 (DL)/ 5 (UL)
EDGE (kbps)
236.8 (DL)/ 236.8 (UL)
236.8 (DL)/ 236.8 (UL)
236.8 (DL)/ 236.8 (UL)
GPRS (kbps)
85.6 (DL)/ 85.6 (UL)
85.6 (DL)/ 85.6 (UL)
85.6 (DL)/ 85.6 (UL)
Interfaces
(U)SIM
x 1
x 1
x 1
UART
x 2
x 2
x 2
USB 2.0
x 1
x 1
x 1
Analog Digital
x 1
x 1
x 1
Digital Audio (PCM)
x 1
x 1
x 1
NET_STATUS
x 1
x 1
x 1
NET_MODE
x 1
x 1
x 1
ADC
x 2
x 2
x 2
SDIO* (for SD Card* and Wi-Fi*
①)
x 2
x 2
x 2
RESET
x 1
x 1
x 1
PWRKEY
x 1
x 1
x 1
Antennas
x 2 (Main and GNSS (Optional))
x 1
x 1
Voice
Speech Codec Modes
HR/ FR/ EFR/ AMR/ AMR-WB
HR/ FR/ EFR/ AMR/ AMR-WB
HR/ FR/ EFR/ AMR/ AMR-WB
Echo Algorithm
Echo Cancellation/ Noise Suppression
Echo Cancellation/ Noise Suppression
Echo Cancellation/ Noise Suppression
Voice
Analog Audio/ Digital Audio
Analog Audio/ Digital Audio
Analog Audio/ Digital Audio
Enhanced Features
DTMF
●
●
●
DFOTA
●
●
●
Audio Playback/ Audio Recording
●
●
●
Wi-Fi Scan (Optional)
●
●
-
QuecLocator®
●
●
●
QuecFile®
●
●
●
VoLTE
●
●
●
GNSS*
●
-
-
(U)SIM Card Detection
●
●
●
Internet Protocols
Internet Protocols
TCP/ UDP/ PPP/ NTP/ NITZ/ FTP/ HTTP/ PING/ CMUX/
HTTPS/ FTPS/ SSL/ FILE/ MQTT/ MMS/ SMTP/ SMTPS
TCP/ UDP/ PPP/ NTP/ NITZ/ FTP/ HTTP/ PING/ CMUX/
HTTPS/ FTPS/ SSL/ FILE/ MQTT/ MMS/ SMTP/ SMTPS
TCP/ UDP/ PPP/ NTP/ NITZ/ FTP/ HTTP/ PING/ CMUX/
HTTPS/ FTPS/ SSL/ FILE/ MQTT/ MMS/ SMTP/ SMTPS
Drivers
USB Serial Driver
Windows 7/8/8.1/10,
Linux 2.6–5.10,
Android 4.x–10.x
Windows 7/8/8.1/10,
Linux 2.6–5.10,
Android 4.x–10.x
Windows 7/8/8.1/10,
Linux 2.6–5.10,
Android 4.x–10.x
GNSS Driver
Android 4.x–10.x
-
-
RIL Driver
Android 4.x–10.x
Android 4.x–10.x
Android 4.x–10.x
USB RNDIS Driver
Windows 7/8/8.1/10,
Linux 2.6–5.10
Windows 7/8/8.1/10,
Linux 2.6–5.10
Windows 7/8/8.1/10,
Linux 2.6–5.10
USB ECM Driver
Linux 2.6–5.10
Linux 2.6–5.10
Linux 2.6–5.10
Electrical Characteristics
Supply Voltage
3.4–4.5 V, 3.8 V Typ.
3.4–4.5 V, 3.8 V Typ.
3.4–4.5 V, 3.8 V Typ.
Consumption
11 μA @ Power off
0.93 mA @ LTE Sleep (PF = 128)
0.79 mA @ LTE Sleep (PF = 256)
15 mA @ Idle
11 μA @ Power off
1.24 mA @ LTE Sleep (PF = 128)
1.12 mA @ LTE Sleep (PF = 256)
16.13 mA @ Idle
20 μA @ Power off
1.11 mA @ LTE Sleep (PF =1 28)
0.98 mA @ LTE Sleep (PF = 256)
16.52 mA @ Idle
Quectel EC200S Series
Copyright © 2021 Quectel Wireless Solutions Co., Ltd. All Rights Reserved http://www.quectel.com
HQ address: Building 5, Shanghai Business Park Phase III (Area B), No.1016 Tianlin Road, Minhang District, Shanghai, China 200233
Tel: +86 21 51086236
Email: info@quectel.com
Notes:
1. * means under development/ongoing.
2. ● means supported.
① means only supported by QuecOpen® solution.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com