Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EFM32GG11 Datasheet(PDF) 13 Page - Silicon Laboratories

Part # EFM32GG11
Description  EFM32 Giant Gecko Series 1 Family EFM32GG11 Family Data Sheet
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFM32GG11 Datasheet(HTML) 13 Page - Silicon Laboratories

Back Button EFM32GG11 Datasheet HTML 9Page - Silicon Laboratories EFM32GG11 Datasheet HTML 10Page - Silicon Laboratories EFM32GG11 Datasheet HTML 11Page - Silicon Laboratories EFM32GG11 Datasheet HTML 12Page - Silicon Laboratories EFM32GG11 Datasheet HTML 13Page - Silicon Laboratories EFM32GG11 Datasheet HTML 14Page - Silicon Laboratories EFM32GG11 Datasheet HTML 15Page - Silicon Laboratories EFM32GG11 Datasheet HTML 16Page - Silicon Laboratories EFM32GG11 Datasheet HTML 17Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 261 page
background image
3.2.4 EM2 and EM3 Power Domains
The EFM32GG11 has three independent peripheral power domains for use in EM2 and EM3. Two of these domains are dynamic and
can be shut down to save energy. Peripherals associated with the two dynamic power domains are listed in Table 3.1 EM2 and EM3
Peripheral Power Subdomains on page 13. If all of the peripherals in a peripheral power domain are unused, the power domain for
that group will be powered off in EM2 and EM3, reducing the overall current consumption of the device. Other EM2, EM3, and EM4-
capable peripherals and functions not listed in the table below reside on the primary power domain, which is always on in EM2 and
EM3.
Table 3.1. EM2 and EM3 Peripheral Power Subdomains
Peripheral Power Domain 1
Peripheral Power Domain 2
ACMP0
ACMP1
PCNT0
PCNT1
ADC0
PCNT2
LETIMER0
CSEN
LESENSE
VDAC0
APORT
LEUART0
-
LEUART1
-
LETIMER1
-
I2C0
-
I2C1
-
I2C2
-
IDAC
-
ADC1
-
ACMP2
-
ACMP3
-
LCD
-
RTC
3.3 General Purpose Input/Output (GPIO)
EFM32GG11 has up to 144 General Purpose Input/Output pins. GPIO are organized on three independent supply rails, allowing for
interface to multiple logic levels in the system simultaneously. Each GPIO pin can be individually configured as either an output or input.
More advanced configurations including open-drain, open-source, and glitch-filtering can be configured for each individual GPIO pin.
The GPIO pins can be overridden by peripheral connections, like SPI communication. Each peripheral connection can be routed to sev-
eral GPIO pins on the device. The input value of a GPIO pin can be routed through the Peripheral Reflex System to other peripherals.
The GPIO subsystem supports asynchronous external pin interrupts.
3.4 Clocking
3.4.1 Clock Management Unit (CMU)
The Clock Management Unit controls oscillators and clocks in the EFM32GG11. Individual enabling and disabling of clocks to all pe-
ripherals is performed by the CMU. The CMU also controls enabling and configuration of the oscillators. A high degree of flexibility al-
lows software to optimize energy consumption in any specific application by minimizing power dissipation in unused peripherals and
oscillators.
EFM32GG11 Family Data Sheet
System Overview
silabs.com | Building a more connected world.
Rev. 1.2 | 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com