Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD2822 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CD2822
Description  1W x 2 Dual Audio Power Amp
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CD2822 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CD2822 Datasheet HTML 1Page - List of Unclassifed Manufacturers CD2822 Datasheet HTML 2Page - List of Unclassifed Manufacturers CD2822 Datasheet HTML 3Page - List of Unclassifed Manufacturers CD2822 Datasheet HTML 4Page - List of Unclassifed Manufacturers CD2822 Datasheet HTML 5Page - List of Unclassifed Manufacturers CD2822 Datasheet HTML 6Page - List of Unclassifed Manufacturers CD2822 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
双 极电路
CD2822ACB/ACP
版本:
2006-11-A
无 锡华润 矽科 微电子 有限 公司
第
2 页 共 8 页
3、电特性
3. 1、极限参数
除非另有规定,
Tamb= 25℃
参 数 名 称
符 号
条 件
额 定 值
单 位
电源电压
VCC
7
V
输出峰值电流
IOP
1
A
功耗
PD
Tamb=50℃
0.5
W
结温
Tj
150
℃
贮存温度
Tstg
-40~150
℃
3. 2、电特性
除非另有规定,
Tamb= 25℃,VCC= 3V
规 范 值
参 数 名 称
符 号
测 试 条 件
最小
典型
最大
单 位
双通道方式
静态电流
ICCQ
6.0
8.5
mA
输入偏置电流
IB
100
nA
电源电压
VCC
1.8
7
V
静态输出电压
VO
0.85
1.2
1.55
V
THD=10%
VCC=6V,RL=8Ω
380
VCC=6V,RL=4Ω
550
VCC=4.5V,RL=4Ω
180
230
输出功率
PO
VCC=3V,RL=4Ω
90
mW
RL=8Ω,VCC=6V
PO=150mW
0.7
失真度
THD
RL=4Ω,VCC=4.5V
PO=30mW
1.0
2.0
%
闭环电压增益
AV
36
39
40
dB
通道平衡度
CB
±
1
dB
输入电阻
Ri
100
kΩ
电源纹波
抑制比
R.R
24
30
dB
串音
C.T
50
dB
BTL 方式
静态电流
ICCQ
6.0
8.5
mA
输入偏流
IB
100
nA
电源电压
VCC
1.8
7
V
输出失调电压
V
±
50
mV
闭环电压增益
AV
39
dB
电源纹波
抑制比
R.R
40
dB
转下页



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com